数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

BC817K-25 数据表 (PDF) - Micro Commercial Components

BC817K-25 Datasheet PDF - Micro Commercial Components
部件名 BC817K-25
下载  BC817K-25 下载

文件大小   501.11 Kbytes
  4 Pages
制造商  MCC [Micro Commercial Components]
网页  http://www.mccsemi.com
标志 MCC - Micro Commercial Components
功能描述 NPN Small Signal Transistor 500mW

BC817K-25 Datasheet (PDF)

Go To PDF Page 下载 数据表
BC817K-25 Datasheet PDF - Micro Commercial Components

部件名 BC817K-25
下载  BC817K-25 Click to download

文件大小   501.11 Kbytes
  4 Pages
制造商  MCC [Micro Commercial Components]
网页  http://www.mccsemi.com
标志 MCC - Micro Commercial Components
功能描述 NPN Small Signal Transistor 500mW

BC817K-25 数据表 (HTML) - Micro Commercial Components

BC817K-25 Datasheet HTML 1Page - Micro Commercial Components BC817K-25 Datasheet HTML 2Page - Micro Commercial Components BC817K-25 Datasheet HTML 3Page - Micro Commercial Components BC817K-25 Datasheet HTML 4Page - Micro Commercial Components



类似零件编号 - BC817K-25

制造商部件名数据表功能描述
logo
Infineon Technologies A...
BC817K-25 INFINEON-BC817K-25 Datasheet
864Kb / 11P
   NPN Silicon AF Transistor
2008-04-11
BC817K-25 INFINEON-BC817K-25 Datasheet
863Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
logo
Nexperia B.V. All right...
BC817K-25 NEXPERIA-BC817K-25 Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
BC817K-25 NEXPERIA-BC817K-25 Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 6 March 2018
BC817K-25H NEXPERIA-BC817K-25H Datasheet
366Kb / 21P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 5 March 2019
More results


类似说明 - BC817K-25

制造商部件名数据表功能描述
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
   NPN Small Signal Transistor Small Signal Diode
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
   NPN SMALL SIGNAL TRANSISTOR
logo
Rohm
BCX19T116 ROHM-BCX19T116 Datasheet
155Kb / 3P
   NPN small signal transistor
logo
Taiwan Semiconductor Co...
DTC143XM TSC-DTC143XM Datasheet
201Kb / 2P
   NPN Small Signal Transistor
logo
American Microsemicondu...
2N5320 AMMSEMI-2N5320 Datasheet
656Kb / 3P
   Small Signal NPN Transistor
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com