数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

W04G 数据表 (PDF) - Pan Jit International Inc.

W04G Datasheet PDF - Pan Jit International Inc.
部件名 W04G
下载  W04G 下载

文件大小   49.32 Kbytes
  2 Pages
制造商  PANJIT [Pan Jit International Inc.]
网页  http://www.panjit.com.tw
标志 PANJIT - Pan Jit International Inc.
功能描述 1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)

W04G Datasheet (PDF)

Go To PDF Page 下载 数据表
W04G Datasheet PDF - Pan Jit International Inc.

部件名 W04G
下载  W04G Click to download

文件大小   49.32 Kbytes
  2 Pages
制造商  PANJIT [Pan Jit International Inc.]
网页  http://www.panjit.com.tw
标志 PANJIT - Pan Jit International Inc.
功能描述 1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)

W04G 数据表 (HTML) - Pan Jit International Inc.

W04G Datasheet HTML 1Page - Pan Jit International Inc. W04G Datasheet HTML 2Page - Pan Jit International Inc.

W04G 产品详情

VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes



FEATURES

• Ratings to 1000V PRV

• Surge overload rating: 30/50 Amperes peak

• Ideal for printed circuit board

• Reliable construction utilizing molded plastic

• Mounting position:Any



MECHANICAL DATA

Case:Reliable low cost construction utilizing molded

plastic technique results in inexpensive product.

Terminals: Leads solderable per MIL-STD-202,

Method 208

Polarity :Polarity symbols marking on body.

Weight: 0.05 ounce, 1.3 grams

Available with 0.50 inch leads(P/N add suffix ”S”)




类似零件编号 - W04G

制造商部件名数据表功能描述
logo
Won-Top Electronics
W04G WTE-W04G Datasheet
52Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
W04G TSC-W04G Datasheet
73Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
W04G ETC2-W04G Datasheet
75Kb / 2P
   Glass Passivated Single Phase Bridge Rectifiers
logo
Fairchild Semiconductor
W04G FAIRCHILD-W04G Datasheet
163Kb / 3P
   1.5 Ampere Glass Passivated Bridge Rectifiers
logo
Pan Jit International I...
W04G PANJIT-W04G Datasheet
50Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
More results


类似说明 - W04G

制造商部件名数据表功能描述
logo
Pan Jit International I...
W005G PANJIT-W005G_06 Datasheet
50Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
AM150 PANJIT-AM150 Datasheet
41Kb / 2P
   1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
AM100 PANJIT-AM100 Datasheet
42Kb / 2P
   1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
AM150 PANJIT-AM150_03 Datasheet
53Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
logo
DAESAN ELECTRONIC CORP.
RL151G DAESAN-RL151G Datasheet
316Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151 DAESAN-RL151 Datasheet
309Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER15X DAESAN-HER15X Datasheet
285Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR151G DAESAN-FR151G Datasheet
315Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com