数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

K6R4016V1C-C/C-L 数据表 (PDF) - Samsung semiconductor

K6R4016V1C-C/C-L Datasheet PDF - Samsung semiconductor
部件名 K6R4016V1C-C/C-L
下载  K6R4016V1C-C/C-L 下载

文件大小   190.57 Kbytes
  11 Pages
制造商  SAMSUNG [Samsung semiconductor]
网页  http://www.samsung.com/Products/Semiconductor
标志 SAMSUNG - Samsung semiconductor
功能描述 256Kx16 Bit High Speed Static RAM(3.3V Operating)

K6R4016V1C-C/C-L Datasheet (PDF)

Go To PDF Page 下载 数据表
K6R4016V1C-C/C-L Datasheet PDF - Samsung semiconductor

部件名 K6R4016V1C-C/C-L
下载  K6R4016V1C-C/C-L Click to download

文件大小   190.57 Kbytes
  11 Pages
制造商  SAMSUNG [Samsung semiconductor]
网页  http://www.samsung.com/Products/Semiconductor
标志 SAMSUNG - Samsung semiconductor
功能描述 256Kx16 Bit High Speed Static RAM(3.3V Operating)

K6R4016V1C-C/C-L 数据表 (HTML) - Samsung semiconductor

Back Button K6R4016V1C-C/C-L Datasheet HTML 1Page - Samsung semiconductor K6R4016V1C-C/C-L Datasheet HTML 2Page - Samsung semiconductor K6R4016V1C-C/C-L Datasheet HTML 3Page - Samsung semiconductor K6R4016V1C-C/C-L Datasheet HTML 4Page - Samsung semiconductor K6R4016V1C-C/C-L Datasheet HTML 5Page - Samsung semiconductor K6R4016V1C-C/C-L Datasheet HTML 6Page - Samsung semiconductor K6R4016V1C-C/C-L Datasheet HTML 7Page - Samsung semiconductor K6R4016V1C-C/C-L Datasheet HTML 8Page - Samsung semiconductor K6R4016V1C-C/C-L Datasheet HTML 9Page - Samsung semiconductor K6R4016V1C-C/C-L Datasheet HTML 10Page - Samsung semiconductor Next Button 



类似零件编号 - K6R4016V1C-C/C-L

制造商部件名数据表功能描述
logo
Samsung semiconductor
K6R4016V1 SAMSUNG-K6R4016V1 Datasheet
177Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
177Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
227Kb / 12P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R4016V1D-J SAMSUNG-K6R4016V1D-J Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results


类似说明 - K6R4016V1C-C/C-L

制造商部件名数据表功能描述
logo
Samsung semiconductor
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
227Kb / 12P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R4016C1C-C SAMSUNG-K6R4016C1C-C Datasheet
184Kb / 11P
   256Kx16 Bit High Speed Static RAM(5V Operating).
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
KM68V257C SAMSUNG-KM68V257C Datasheet
197Kb / 9P
   32Kx8 Bit High Speed Static RAM(3.3V Operating), Evolutionary Pin out.
K6R1004V1C-C SAMSUNG-K6R1004V1C-C Datasheet
137Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating).
K6R3024V1D SAMSUNG-K6R3024V1D Datasheet
172Kb / 9P
   128K x 24 Bit High-Speed CMOS Static RAM(3.3V Operating)
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(5.0V Operating)
logo
Integrated Device Techn...
IDT70V25L15PFG IDT-IDT70V25L15PFG Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V STATIC RAM
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com