数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

SI3016-KS 数据表 (PDF) - Silicon Laboratories

SI3016-KS Datasheet PDF - Silicon Laboratories
部件名 SI3016-KS
下载  SI3016-KS 下载

文件大小   972.56 Kbytes
  50 Pages
制造商  SILABS [Silicon Laboratories]
网页  http://www.silabs.com
标志 SILABS - Silicon Laboratories
功能描述 3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT

SI3016-KS Datasheet (PDF)

Go To PDF Page 下载 数据表
SI3016-KS Datasheet PDF - Silicon Laboratories

部件名 SI3016-KS
下载  SI3016-KS Click to download

文件大小   972.56 Kbytes
  50 Pages
制造商  SILABS [Silicon Laboratories]
网页  http://www.silabs.com
标志 SILABS - Silicon Laboratories
功能描述 3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT

SI3016-KS 数据表 (HTML) - Silicon Laboratories

Back Button SI3016-KS Datasheet HTML 1Page - Silicon Laboratories SI3016-KS Datasheet HTML 2Page - Silicon Laboratories SI3016-KS Datasheet HTML 3Page - Silicon Laboratories SI3016-KS Datasheet HTML 4Page - Silicon Laboratories SI3016-KS Datasheet HTML 5Page - Silicon Laboratories SI3016-KS Datasheet HTML 6Page - Silicon Laboratories SI3016-KS Datasheet HTML 7Page - Silicon Laboratories SI3016-KS Datasheet HTML 8Page - Silicon Laboratories SI3016-KS Datasheet HTML 9Page - Silicon Laboratories SI3016-KS Datasheet HTML 10Page - Silicon Laboratories Next Button 

SI3016-KS 产品详情

Description

The Si3016 is an integrated direct access arrangement (DAA) line-side device with a programmable line interface to meet global telephone line interface requirements. Available ina 16-pin small outline package, it

eliminates the need for an analog front end (AFE), an isolation transformer, relays, opto-isolators, and a 2- to 4-wire hybrid. The Si3016 dramatically reduces the number of discrete components and cost required to achieve compliance with global regulatory requirements. The Si3016 interfaces directly to a Silicon Laboratories integrated DAA system-side interface.



Features

Complete DAA includes the following:

Line voltage monitor

Loop current monitor

3.2 dBm transmit/receive levels

Parallel handset detection

7 µA on-hook line monitor current

Overload protection

Programmable line interface

  AC termination

  DC termination

  Ring detect threshold

  Ringer impedance

Polarity reversal detection

84 dB dynamic range TX/RX

Integrated analog front end (AFE) and 2- to 4-wire hybrid

Integrated ring detector

Caller ID support

Pulse dialing support

Billing tone detection

3.3 V or 5 V power supply

Direct interface to DSPs

Up to 5000 V isolation

Proprietary isolation technology



Applications

V.90 modems

Voice mail systems

Set-top boxes

Fax machines

Internet appliances

VOIP systems




类似零件编号 - SI3016-KS

制造商部件名数据表功能描述
logo
Texas Instruments
SI3016-KS TI-SI3016-KS Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
SI3016-KSR TI-SI3016-KSR Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
More results


类似说明 - SI3016-KS

制造商部件名数据表功能描述
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com