数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

PF38F5070M0Q0V0 数据表 (PDF) - Numonyx B.V

PF38F5070M0Q0V0 Datasheet PDF - Numonyx B.V
部件名 PF38F5070M0Q0V0
下载  PF38F5070M0Q0V0 下载

文件大小   2133.2 Kbytes
  139 Pages
制造商  NUMONYX [Numonyx B.V]
网页  http://www.numonyx.com
标志 NUMONYX - Numonyx B.V
功能描述 StrataFlash짰 Cellular Memory

PF38F5070M0Q0V0 Datasheet (PDF)

Go To PDF Page 下载 数据表
PF38F5070M0Q0V0 Datasheet PDF - Numonyx B.V

部件名 PF38F5070M0Q0V0
下载  PF38F5070M0Q0V0 Click to download

文件大小   2133.2 Kbytes
  139 Pages
制造商  NUMONYX [Numonyx B.V]
网页  http://www.numonyx.com
标志 NUMONYX - Numonyx B.V
功能描述 StrataFlash짰 Cellular Memory

PF38F5070M0Q0V0 数据表 (HTML) - Numonyx B.V

Back Button PF38F5070M0Q0V0 Datasheet HTML 1Page - Numonyx B.V PF38F5070M0Q0V0 Datasheet HTML 2Page - Numonyx B.V PF38F5070M0Q0V0 Datasheet HTML 3Page - Numonyx B.V PF38F5070M0Q0V0 Datasheet HTML 4Page - Numonyx B.V PF38F5070M0Q0V0 Datasheet HTML 5Page - Numonyx B.V PF38F5070M0Q0V0 Datasheet HTML 6Page - Numonyx B.V PF38F5070M0Q0V0 Datasheet HTML 7Page - Numonyx B.V PF38F5070M0Q0V0 Datasheet HTML 8Page - Numonyx B.V PF38F5070M0Q0V0 Datasheet HTML 9Page - Numonyx B.V PF38F5070M0Q0V0 Datasheet HTML 10Page - Numonyx B.V Next Button 

PF38F5070M0Q0V0 产品详情

Introduction

This datasheet contains information about the Numonyx™ Wireless Flash Memory (W18) device family. This section describes nomenclature used in the datasheet. Section 2.0provides an overview of the W18 flash memory device. Section 6.0, Section 7.0, and Section 8.0describe the electrical specifications for extended temperature product offerings. Ordering information can be found in Section C.



Product Features

„ High Performance Read-While-Write/Erase

— Burst frequency at 66 MHz (zero wait states)

—60ns Initial access read speed

— 11 ns Burst mode read speed

— 20 ns Page mode read speed

— 4-, 8-, 16-, and Continuous-Word Burst mode reads

— Burst and Page mode reads in all Blocks, across all partition boundaries

— Burst Suspend feature

— Enhanced Factory Programming at 3.1 µs/word „



Security

—128-BitOTP Protection Register:

    64 unique pre-programmed bits + 64 user-programmable bits

— Absolute Write Protection with VPP at ground

— Individual and Instantaneous Block Locking/Unlocking with Lock-Down Capability„



Quality and Reliability

—Temperature Range:–40 °C to +85 °C

— 100K Erase Cycles per Block

— 90 nm ETOX™ IX Process

— 130 nm ETOX™ VIII Process



Architecture

— Multiple 4-Mbit partitions

— Dual Operation: RWW or RWE

— Parameter block size = 4-Kword

— Main block size = 32-Kword

— Top or bottom parameter devices

—16-bit wide data bus



Software

— 5 µs (typ.) Program and Erase Suspend latency time

— Flash Data Integrator (FDI) and Common Flash Interface (CFI) Compatible

— Programmable WAIT signal polarity



Packaging and Power

— 90 nm: 32- and 64-Mbit in VF BGA

— 130 nm: 32-, 64-, and 128-Mbit in VF BGA

— 130 nm: 128-Mbit in QUAD+ package

— 56 Active Ball Matrix, 0.75 mm Ball-Pitch

—VCC= 1.70 V to 1.95 V

—VCCQ(90 nm) = 1.7 V to 1.95 V

—VCCQ(130 nm) = 1.7 V to 2.24 V or 1.35 V to 1.80 V

—VCCQ(130 nm) = 1.35 V to 2.24 V

— Standby current (130 nm): 8 µA (typ.)

— Read current: 8 mA (4-word burst, typ.)




类似零件编号 - PF38F5070M0Q0V0

制造商部件名数据表功能描述
logo
Numonyx B.V
PF38F5070M0Q0B NUMONYX-PF38F5070M0Q0B Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
More results


类似说明 - PF38F5070M0Q0V0

制造商部件名数据表功能描述
logo
Intel Corporation
RC28F128J3A INTEL-RC28F128J3A_13 Datasheet
990Kb / 72P
   Intel StrataFlash짰 Memory
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5_02 Datasheet
617Kb / 51P
   5 Volt Intel StrataFlash짰 Memory
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
logo
Intel Corporation
28F640L30 INTEL-28F640L30 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
M/A-COM Technology Solu...
CSM1-17 MA-COM-CSM1-17 Datasheet
97Kb / 3P
   Cellular Applications
logo
RFHIC
RFUR08-50 RFHIC-RFUR08-50 Datasheet
239Kb / 5P
   Cellular Converter
logo
Analog Devices
HMC832 AD-HMC832 Datasheet
1Mb / 49P
   Cellular infrastructure
logo
World Produts Inc.
WPANT30074-S1A WPI-WPANT30074-S1A_15 Datasheet
296Kb / 5P
   4G Cellular
logo
Guangdong Youtai Semico...
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
   Cellular phones
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com