数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

MAX-100 数据表 (PDF) - MDE Semiconductor, Inc.

MAX-100 Datasheet PDF - MDE Semiconductor, Inc.
部件名 MAX-100
下载  MAX-100 下载

文件大小   217.57 Kbytes
  2 Pages
制造商  MDE [MDE Semiconductor, Inc.]
网页  http://www.mdesemiconductor.com
标志 MDE - MDE Semiconductor, Inc.
功能描述 HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR

MAX-100 Datasheet (PDF)

Go To PDF Page 下载 数据表
MAX-100 Datasheet PDF - MDE Semiconductor, Inc.

部件名 MAX-100
下载  MAX-100 Click to download

文件大小   217.57 Kbytes
  2 Pages
制造商  MDE [MDE Semiconductor, Inc.]
网页  http://www.mdesemiconductor.com
标志 MDE - MDE Semiconductor, Inc.
功能描述 HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR

MAX-100 数据表 (HTML) - MDE Semiconductor, Inc.

MAX-100 Datasheet HTML 1Page - MDE Semiconductor, Inc. MAX-100 Datasheet HTML 2Page - MDE Semiconductor, Inc.

MAX-100 产品详情

FEATURES
• UL 1449 Recognition
• 10KA Surge Capability @ 8 x 20 µsec waveform (per IEC- 61000-4-5)
• Peak Power Dissipation 144KW
• Bi-directional
• Excellent clamping capability
• Repetition rate (duty cycle): 0.05%
• Sharp breakdown voltage
• Low incremental surge resistance
• Fast response time: typically less than 1.0 µs from 0 Volts to BV
• Operation temperature: -40°C to +125°C
• Epoxy encapsulated package has Underwriters Laboratory Flammability Classification 94 V-0




类似零件编号 - MAX-100

制造商部件名数据表功能描述
logo
List of Unclassifed Man...
MAX-100 ETC1-MAX-100 Datasheet
218Kb / 2P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
logo
M-System Co.,Ltd.
MAX-100 MSYSTEM-MAX-100 Datasheet
101Kb / 3P
   Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
MDE Semiconductor, Inc.
MAX-100 MDE-MAX-100_13 Datasheet
32Kb / 1P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
More results


类似说明 - MAX-100

制造商部件名数据表功能描述
logo
MDE Semiconductor, Inc.
MAX-470 MDE-MAX-470 Datasheet
208Kb / 2P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
MAX-277 MDE-MAX-277 Datasheet
109Kb / 2P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
MAX-100 MDE-MAX-100_13 Datasheet
32Kb / 1P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
MAX-422 ETC1-MAX-422 Datasheet
814Kb / 2P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
MAX-470 ETC1-MAX-470 Datasheet
208Kb / 2P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
MAX-50M MDE-MAX-50M Datasheet
29Kb / 1P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
MAX-450 MDE-MAX-450 Datasheet
194Kb / 2P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
MAX-225 MDE-MAX-225_13 Datasheet
31Kb / 1P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
MAX-370 MDE-MAX-370_13 Datasheet
42Kb / 1P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
MAX-370 MDE-MAX-370 Datasheet
208Kb / 2P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com