|
数据搜索系统,热门电子元器件搜索 ![]() 镜像站点 : alldatasheet.com , alldatasheet.net , alldatasheet.co.kr , alldatasheet.jp , alldatasheet.es , alldatasheet.fr 数据表, 资料表, 数据手册, 零件,电子零件,集成电路,二极管,晶闸管,以及其他半导体产品信息 |
捷径 | |
|
数据表 |
AS-1021R0HLF - Semi-Precision Power Wirewound Resistor - IRC - a TT electronics Company. |
|
点击查看 AS-1021R0HLF 数据 |
|
|||||||||||||||||||||||||||
相关电子零件 |
| 部件型号 | 部件说明 | 制造商 |
| AS-1 | Semi-Precision Power Wirewound Resistor | Welwyn Components Limited |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | Renesas Technology Corp |
| PPW | Semi-Precision Power Wirewound Resistors | Welwyn Components Limited |
| AL-1010RDJLF | Chassis Mounted Power Wirewound Resistor | IRC - a TT electronics Company. |
| PWRL | Low Resistance Stand-up Power Wirewound Resistor | Welwyn Components Limited |
| PSIDTEB | chip type power shunt resistor | KOA Speer Electronics, Inc. |
| VHP-3 | Bulk Metal Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/C and Power up to 10 Watts | Vishay Siliconix |
| 4LPW | Four-Terminal Current-Sensing Wirewound Resistor | IRC - a TT electronics Company. |
| FW70W-R100-KB | FLAT POWER WIREWOUND RESISTORS 40 - 450 WATT | RCD COMPONENTS INC. |
| VPR220Z | Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of 0.05 ppm/C Tolerance to 0.01 % and Power Rating to 8 W | Vishay Siliconix |
连接网址 |
|
|
相关的关键字 |
| AS-1021R0HLF Datasheet | AS-1021R0HLF Cross Reference | AS-1021R0HLF Schematic | AS-1021R0HLF Distributor | AS-1021R0HLF Datenblatt | AS-1021R0HLF RoHS |
| AS-1021R0HLF Equivalent | AS-1021R0HLF Application Notes | AS-1021R0HLF Data Sheet | AS-1021R0HLF component | AS-1021R0HLF Fiche Technique | AS-1021R0HLF Circuit |
Alldatasheet 的赞助网站 |
|
|
Does ALLDATASHEET.COM help your business so far? |
关于 Alldatasheet | 广告服务 | 联系我们 | 隐私政策 | 书签 | 链接交换 | 制造商名单 All Rights Reserved©Alldatasheet.com2003 - 2010 |