数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

1.4KESD58A 数据表 (PDF) - Microsemi Corporation

1.4KESD58A Datasheet PDF - Microsemi Corporation
部件名 1.4KESD58A
下载  1.4KESD58A 下载

文件大小   180.0 Kbytes
  4 Pages
制造商  MICROSEMI [Microsemi Corporation]
网页  http://www.microsemi.com
标志 MICROSEMI - Microsemi Corporation
功能描述 AXIAL-LEAD TVS

1.4KESD58A Datasheet (PDF)

Go To PDF Page 下载 数据表
1.4KESD58A Datasheet PDF - Microsemi Corporation

部件名 1.4KESD58A
下载  1.4KESD58A Click to download

文件大小   180.0 Kbytes
  4 Pages
制造商  MICROSEMI [Microsemi Corporation]
网页  http://www.microsemi.com
标志 MICROSEMI - Microsemi Corporation
功能描述 AXIAL-LEAD TVS

1.4KESD58A 数据表 (HTML) - Microsemi Corporation

1.4KESD58A Datasheet HTML 1Page - Microsemi Corporation 1.4KESD58A Datasheet HTML 2Page - Microsemi Corporation 1.4KESD58A Datasheet HTML 3Page - Microsemi Corporation 1.4KESD58A Datasheet HTML 4Page - Microsemi Corporation

1.4KESD58A 产品详情

DESCRIPTION
These small axial-leaded TVS devices feature the ability to clamp dangerous high voltage short-term transients such as produced by directed or radiated electrostatic discharge phenomena before entering sensitive component regions of a circuit design. They are small economical transient voltage suppressors targeted primarily for short-term transients below a few microseconds while still achieving significant peak-pulse-power capability as illustrated in Figure #1.

FEATURES
• Excellent protection in clamping direct ESD level
   transients in excess of 15,000 V per MIL-STD-750,
   Method 1020 (approx. 150 ns exponential wave)
• Absorbs ESD level transients* of 1400 Watts per MIL
   STD-750, Method 1020 (approx. 150 ns exponential
   wave, or one microsecond transients up to 400 watts.
   See Figure #1 and #2 for overall transient Peak Pulse
   Power.
• Clamps Transients in less than 100 picoseconds
• Working Stand-off Voltage range of 5 V to 170 V
• Hermetic DO-35 Package. Also available in surface
   mount DO-213AA MELF package (see separate data
   sheet)
• RoHS Compliant devices available by adding “e3” suffix

APPLICATIONS / BENEFITS
• Protects Sensitive circuits from short duration fast
   rise time transients such as Electrostatic Discharge
   (ESD) or Electrical Fast Transients (EFT)
• Low inherent capacitance for high-frequency
   applications (See Figure #4)
• Flexible axial-lead mounting terminals
• Bidirectional features available by adding a “C” or
   “CA” suffix





类似说明 - 1.4KESD58A

制造商部件名数据表功能描述
logo
Microsemi Corporation
14KESD170CA MICROSEMI-14KESD170CA Datasheet
195Kb / 4P
   AXIAL-LEAD TVS
logo
DONGGUAN YOU FENG WEI E...
SAC5.0 YFWDIODE-SAC5.0 Datasheet
852Kb / 3P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Socay Electornics Co., ...
P4KE6.8 SOCAY-P4KE6.8 Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
20KPA SOCAY-20KPA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
30KPA SOCAY-30KPA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP5.0 SOCAY-5KP5.0 Datasheet
515Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
More results




关于 Microsemi Corporation


Microsemi Corporation是一家美国公司,专门从事半导体和系统解决方案的设计和制造。
该公司成立于1960年,总部位于加利福尼亚州的Aliso Viejo。
Microsemi提供了广泛的产品,包括模拟和混合信号集成电路,现场可编程栅极阵列(FPGA),电源管理和控制产品以及其他半导体溶液。
该公司的产品用于国防和安全,航空和航空,工业和通信等各种应用。
Microsemi以其半导体技术方面的专业知识以及向客户提供高质量可靠产品的能力。
2018年,Microsemi由Microchip Technology收购,Microchip Technology是微控制器,混合信号,模拟和安全产品的领先提供商。
Microsemi品牌不再使用,但其技术和产品仍然是Microchip投资组合的一部分。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com