数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

TJA1028TK5V010 数据表 (PDF) - NXP Semiconductors

TJA1028TK5V010 Datasheet PDF - NXP Semiconductors
部件名 TJA1028TK5V010
下载  TJA1028TK5V010 下载

文件大小   208.71 Kbytes
  24 Pages
制造商  NXP [NXP Semiconductors]
网页  http://www.nxp.com
标志 NXP - NXP Semiconductors
功能描述 LIN transceiver with integrated voltage regulator

TJA1028TK5V010 Datasheet (PDF)

Go To PDF Page 下载 数据表
TJA1028TK5V010 Datasheet PDF - NXP Semiconductors

部件名 TJA1028TK5V010
下载  TJA1028TK5V010 Click to download

文件大小   208.71 Kbytes
  24 Pages
制造商  NXP [NXP Semiconductors]
网页  http://www.nxp.com
标志 NXP - NXP Semiconductors
功能描述 LIN transceiver with integrated voltage regulator

TJA1028TK5V010 数据表 (HTML) - NXP Semiconductors

Back Button TJA1028TK5V010 Datasheet HTML 1Page - NXP Semiconductors TJA1028TK5V010 Datasheet HTML 2Page - NXP Semiconductors TJA1028TK5V010 Datasheet HTML 3Page - NXP Semiconductors TJA1028TK5V010 Datasheet HTML 4Page - NXP Semiconductors TJA1028TK5V010 Datasheet HTML 5Page - NXP Semiconductors TJA1028TK5V010 Datasheet HTML 6Page - NXP Semiconductors TJA1028TK5V010 Datasheet HTML 7Page - NXP Semiconductors TJA1028TK5V010 Datasheet HTML 8Page - NXP Semiconductors TJA1028TK5V010 Datasheet HTML 9Page - NXP Semiconductors TJA1028TK5V010 Datasheet HTML 10Page - NXP Semiconductors Next Button 

TJA1028TK5V010 产品详情

description

The TJA1028 is a LIN 2.0/2.1/SAE J2602 transceiver with an integrated low-drop voltage regulator. The voltage regulator can deliver up to 70 mA and is available in 3.3 V and 5.0 V variants. TJA1028 facilitates the development of compact nodes in Local Interconnect Network (LIN) bus systems. To support robust designs, the TJA1028 offers strong ElectroStatic Discharge (ESD) performance and can withstand high voltages on the LIN bus. In order to minimize current consumption, the TJA1028 supports a Sleep mode in which the LIN transceiver and the voltage regulator are powered down while still having wake-up capability via the LIN bus. The TJA1028 comes in an SO8 package, and also in a 3 mm3 mm HVSON8 package that reduces the required board space by over 70 %. This feature can prove extremely valuable when board space is limited.





Features

LIN 2.0/2.1/2.2 compliant

SAE J2602 compliant

Downward compatible with LIN 1.3

Internal LIN slave termination resistor

Voltage regulator offering 5 V or 3.3 V, 70 mA capability

(+/-)2 % voltage regulator accuracy over specified temperature and supply ranges

Voltage regulator output undervoltage detection with reset output

Voltage regulator is short-circuit proof to ground

Voltage regulator stable with ceramic, tantalum and aluminum electrolyte capacitors

Robust ESD performance; 8 kV according to IEC61000-4-2 for pins LIN and VBAT

Pins LIN and VBAT protected against transients in the automotive environment(ISO 7637)

Very low LIN bus leakage current of < 2 A when battery not connected

LIN pin short-circuit proof to battery and ground

Transmit data (TXD) dominant time-out function

Thermally protected

Very low ElectroMagnetic Emission (EME)

High ElectroMagnetic Immunity (EMI)

Typical Standby mode current of 45uA

Typical Sleep mode current of 12uA

LIN bus wake-up function

K-line compatible

Available in SO8 and HVSON8 packages



 




类似零件编号 - TJA1028TK5V010

制造商部件名数据表功能描述
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
TJA1020 PHILIPS-TJA1020 Datasheet
129Kb / 22P
   LIN transceiver
2004 Jan 13
TJA1020T PHILIPS-TJA1020T Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
TJA1020T PHILIPS-TJA1020T Datasheet
129Kb / 22P
   LIN transceiver
2004 Jan 13
TJA1020T-CM118 PHILIPS-TJA1020T-CM118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
More results


类似说明 - TJA1028TK5V010

制造商部件名数据表功能描述
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
logo
Melexis Microelectronic...
TH8061 MELEXIS-TH8061 Datasheet
1Mb / 36P
   Voltage Regulator with integrated LIN Transceiver
logo
ON Semiconductor
NCV7361A ONSEMI-NCV7361A_05 Datasheet
192Kb / 28P
   Voltage Regulator with Integrated LIN Transceiver
March, 2005 ??Rev. 0
logo
Infineon Technologies A...
TLE8458 INFINEON-TLE8458_15 Datasheet
1Mb / 31P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
TLE8458 INFINEON-TLE8458 Datasheet
1Mb / 31P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
logo
ON Semiconductor
NCV7361 ONSEMI-NCV7361 Datasheet
192Kb / 28P
   Voltage Regulator with Integrated LIN Transceiver
October, 2004 ??Rev. P0
logo
Infineon Technologies A...
TLE8457CSJ INFINEON-TLE8457CSJ Datasheet
1Mb / 31P
   LIN Transceiver with integrated voltage regulator
Rev. 1.1 2018-10-15
logo
ATMEL Corporation
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
More results




关于 NXP Semiconductors


NXP半导体是一家公开交易的跨国公司,设计,开发和制造各种半导体和集成电路,用于各种应用,包括汽车,工业,通信和消费市场。

该公司成立于2006年,总部位于荷兰的埃因霍温。

NXP提供了广泛的产品组合,包括微控制器,微处理器,安全身份验证IC,电源管理ICS,RF和微波炉组件以及传感器解决方案等。

该公司的产品旨在具有节能,安全和可靠,并用于各种应用中,包括汽车系统,工业自动化和控制,智能家居和建筑物以及连接的设备。

NXP致力于创新和客户满意度,并致力于为客户提供最佳的半导体解决方案,以满足他们的需求。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com