数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

0484060000 数据表 (PDF) - Weidmuller

0484060000 Datasheet PDF - Weidmuller
部件名 0484060000
下载  0484060000 下载

文件大小   61.33 Kbytes
  3 Pages
制造商  WEIDMULLER [Weidmuller]
网页  http://www.weidmuller.com
标志 WEIDMULLER - Weidmuller
功能描述 Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 32

0484060000 Datasheet (PDF)

Go To PDF Page 下载 数据表
0484060000 Datasheet PDF - Weidmuller

部件名 0484060000
下载  0484060000 Click to download

文件大小   61.33 Kbytes
  3 Pages
制造商  WEIDMULLER [Weidmuller]
网页  http://www.weidmuller.com
标志 WEIDMULLER - Weidmuller
功能描述 Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 32

0484060000 数据表 (HTML) - Weidmuller

0484060000 Datasheet HTML 1Page - Weidmuller 0484060000 Datasheet HTML 2Page - Weidmuller 0484060000 Datasheet HTML 3Page - Weidmuller



类似零件编号 - 0484060000

制造商部件名数据表功能描述
logo
Molex Electronics Ltd.
0484060001 MOLEX1-0484060001 Datasheet
34Kb / 2P
   Universal Serial Bus (USB 3.0) I/O Receptacle, Dual Port Stacked, Right-Angle, Type
0484060003 MOLEX1-0484060003 Datasheet
34Kb / 2P
   Universal Serial Bus (USB 3.0) I/O Receptacle, Dual Port Stacked, Right-Angle
0484060004 MOLEX1-0484060004 Datasheet
34Kb / 2P
   Universal Serial Bus (USB 3.0) I/O Receptacle, Dual Port Stacked, Right-Angle
More results


类似说明 - 0484060000

制造商部件名数据表功能描述
logo
Weidmuller
0467960000 WEIDMULLER-0467960000 Datasheet
60Kb / 3P
   Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 32
0396660000 WEIDMULLER-0396660000 Datasheet
61Kb / 3P
   Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35
0222860000 WEIDMULLER-0222860000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0222760000 WEIDMULLER-0222760000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0225360000 WEIDMULLER-0225360000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0225560000 WEIDMULLER-0225560000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0210160000 WEIDMULLER-0210160000 Datasheet
71Kb / 3P
   Special terminal, special connections, 4 mm짼, Screw connection, PA 66, beige, TS 32
0271060000 WEIDMULLER-0271060000 Datasheet
85Kb / 4P
   Feed-through terminal, 16 mm짼, Screw connection, PA 66, beige, TS 32
0323100000 WEIDMULLER-0323100000 Datasheet
61Kb / 3P
   Earth terminal, 10 mm짼, Screw connection, PA 66, TS 32
0268860000 WEIDMULLER-0268860000 Datasheet
68Kb / 3P
   Feed-through terminal, 2.5 mm짼, Screw connection, PA 66, beige, TS 35
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com