数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

FAN5091 数据表 (PDF) - Fairchild Semiconductor

FAN5091 Datasheet PDF - Fairchild Semiconductor
部件名 FAN5091
下载  FAN5091 下载

文件大小   193.41 Kbytes
  21 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 Two Slice Interleaved Synchronous Buck Converter

FAN5091 Datasheet (PDF)

Go To PDF Page 下载 数据表
FAN5091 Datasheet PDF - Fairchild Semiconductor

部件名 FAN5091
下载  FAN5091 Click to download

文件大小   193.41 Kbytes
  21 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 Two Slice Interleaved Synchronous Buck Converter

FAN5091 数据表 (HTML) - Fairchild Semiconductor

Back Button FAN5091 Datasheet HTML 1Page - Fairchild Semiconductor FAN5091 Datasheet HTML 2Page - Fairchild Semiconductor FAN5091 Datasheet HTML 3Page - Fairchild Semiconductor FAN5091 Datasheet HTML 4Page - Fairchild Semiconductor FAN5091 Datasheet HTML 5Page - Fairchild Semiconductor FAN5091 Datasheet HTML 6Page - Fairchild Semiconductor FAN5091 Datasheet HTML 7Page - Fairchild Semiconductor FAN5091 Datasheet HTML 8Page - Fairchild Semiconductor FAN5091 Datasheet HTML 9Page - Fairchild Semiconductor FAN5091 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FAN5091 产品详情

Description
The FAN5091 is a synchronous multi-slice DC-DC controller IC which provides a highly accurate, programmable output voltage for all high-performance processors. Two interleaved synchronous buck regulator slices with built-in current sharing operate 180° out of phase to provide the fast transient response needed to satisfy high current applications while minimizing external components.

Features
• Programmable output from 1.10V to 1.85V in 25mV steps
   using an integrated 5-bit DAC
• Two interleaved synchronous slices for maximum
   performance
• 100nsec response time
• Built-in current sharing between slices
• Remote sense
• Programmable Active Droop (Voltage Positioning)
• Programmable frequency from 200KHz to 2MHz
• Adaptive delay gate switching
• Integrated high-current gate drivers
• Integrated Power Good, OV, UV, Enable/Soft Start
   functions
• Drives N-channel MOSFETs
• Operation optimized for 5V operation
• High efficiency mode (E*) at light load
• Overcurrent protection using MOSFET sensing
• 24 pin TSSOP package

Applications
• Power supply for Pentium® IV
• Power supply for Athlon®
• VRM for Pentium IV processor
• Programmable step-down power supply




类似零件编号 - FAN5091

制造商部件名数据表功能描述
logo
Fairchild Semiconductor
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090MTC FAIRCHILD-FAN5090MTC Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090MTCX FAIRCHILD-FAN5090MTCX Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5092 FAIRCHILD-FAN5092 Datasheet
108Kb / 20P
   High Current System Voltage Buck Converter
FAN5092 FAIRCHILD-FAN5092 Datasheet
333Kb / 4P
   Power Conversion for the Data Communications Market
More results


类似说明 - FAN5091

制造商部件名数据表功能描述
logo
Fairchild Semiconductor
FAN5193 FAIRCHILD-FAN5193 Datasheet
524Kb / 21P
   Two Phase Interleaved Synchronous Buck Converter
FAN5098 FAIRCHILD-FAN5098 Datasheet
460Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for AMD Hammer?
FAN5093MTC FAIRCHILD-FAN5093MTC Datasheet
584Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5093 FAIRCHILD-FAN5093 Datasheet
578Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
logo
Fairchild Semiconductor
FAN5094 FAIRCHILD-FAN5094 Datasheet
182Kb / 22P
   Multi-Phase Interleaved Buck Converter
logo
uPI Group Inc.
UP3861P UPI-UP3861P Datasheet
235Kb / 17P
   Dual Channel Interleaved Synchronous-Rectified Buck Controller
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
   Synchronous Buck Converter
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
   Synchronous Buck Converter
More results




关于 Fairchild Semiconductor


Fairchild半导体是一家开创性的半导体公司,成立于1950年代后期。
该公司以其在第一个商业晶体管的开发方面的创新而闻名,以及对综合电路技术发展的贡献。
Fairchild成为电力半导体,模拟和混合信号综合电路以及其他半导体产品的领先供应商。
该公司是在2016年被ON半导体收购的,其产品和技术继续在ON半导体品牌下开发和出售。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com