数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

SI6433DQ 数据表 (PDF) - Fairchild Semiconductor

SI6433DQ Datasheet PDF - Fairchild Semiconductor
部件名 SI6433DQ
下载  SI6433DQ 下载

文件大小   137.81 Kbytes
  5 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 20V P-Channel PowerTrench MOSFET

SI6433DQ Datasheet (PDF)

Go To PDF Page 下载 数据表
SI6433DQ Datasheet PDF - Fairchild Semiconductor

部件名 SI6433DQ
下载  SI6433DQ Click to download

文件大小   137.81 Kbytes
  5 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 20V P-Channel PowerTrench MOSFET

SI6433DQ 数据表 (HTML) - Fairchild Semiconductor

SI6433DQ Datasheet HTML 1Page - Fairchild Semiconductor SI6433DQ Datasheet HTML 2Page - Fairchild Semiconductor SI6433DQ Datasheet HTML 3Page - Fairchild Semiconductor SI6433DQ Datasheet HTML 4Page - Fairchild Semiconductor SI6433DQ Datasheet HTML 5Page - Fairchild Semiconductor

SI6433DQ 产品详情

General Description
This P-Channel 1.8V specified MOSFET is produced using Fairchild Semiconductor’s advanced PowerTrench process that has been especially tailored to minimize the on-state resistance and yet maintain low gate charge for superior switching performance.

Features
• –4.5 A, –20 V. RDS(ON) = 47 mΩ @ VGS = –4.5 V
                          RDS(ON) = 65 mΩ @ VGS = –2.5 V
                          RDS(ON) = 100 mΩ @ VGS = –1.8 V
• RDS(ON) rated for use with 1.8 V logic
• Low gate charge (13nC typical)
• High performance trench technology for extremely low RDS(ON)
• Low profile TSSOP-8 package

Applications
• Power management
• Load switch




类似零件编号 - SI6433DQ

制造商部件名数据表功能描述
logo
Vishay Siliconix
SI6433BDQ VISHAY-SI6433BDQ Datasheet
221Kb / 3P
   P-Channel 2.5-V (G-S) MOSFET
21-May-04
SI6433BDQ VISHAY-SI6433BDQ Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI6433BDQ VISHAY-SI6433BDQ Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
More results


类似说明 - SI6433DQ

制造商部件名数据表功能描述
logo
Fairchild Semiconductor
FDW262P FAIRCHILD-FDW262P Datasheet
87Kb / 5P
   20V P-Channel PowerTrench MOSFET
NDS9947 FAIRCHILD-NDS9947_02 Datasheet
141Kb / 5P
   Dual 20V P-Channel PowerTrench MOSFET
SI6953DQ FAIRCHILD-SI6953DQ Datasheet
109Kb / 5P
   Dual 20V P-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDR8702H KEXIN-KDR8702H Datasheet
78Kb / 3P
   20V N & P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDR8702H FAIRCHILD-FDR8702H Datasheet
200Kb / 8P
   20V N & P-Channel PowerTrench MOSFET
FDP6021P FAIRCHILD-FDP6021P Datasheet
80Kb / 5P
   20V P-Channel 1.8V Specified PowerTrench MOSFET
FDMA1023PZ FAIRCHILD-FDMA1023PZ Datasheet
247Kb / 7P
   Dual P-Channel PowerTrench MOSFET -20V, -3.7A, 72mohm
FDMA520PZ FAIRCHILD-FDMA520PZ Datasheet
240Kb / 6P
   Single P-Channel PowerTrench MOSFET -20V, -7.3A, 30mohm
FDMA1025P FAIRCHILD-FDMA1025P Datasheet
377Kb / 6P
   Dual P-Channel PowerTrench MOSFET -20V, -3.1A, 105mohm
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
   20V N & P-Channel PowerTrench MOSFETs
More results




关于 Fairchild Semiconductor


Fairchild半导体是一家开创性的半导体公司,成立于1950年代后期。
该公司以其在第一个商业晶体管的开发方面的创新而闻名,以及对综合电路技术发展的贡献。
Fairchild成为电力半导体,模拟和混合信号综合电路以及其他半导体产品的领先供应商。
该公司是在2016年被ON半导体收购的,其产品和技术继续在ON半导体品牌下开发和出售。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com