数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

ADUM5402WCRWZ 数据表 (PDF) - Analog Devices

ADUM5402WCRWZ Datasheet PDF - Analog Devices
部件名 ADUM5402WCRWZ
下载  ADUM5402WCRWZ 下载

文件大小   539.43 Kbytes
  28 Pages
制造商  AD [Analog Devices]
网页  http://www.analog.com
标志 AD - Analog Devices
功能描述 Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter

ADUM5402WCRWZ Datasheet (PDF)

Go To PDF Page 下载 数据表
ADUM5402WCRWZ Datasheet PDF - Analog Devices

部件名 ADUM5402WCRWZ
下载  ADUM5402WCRWZ Click to download

文件大小   539.43 Kbytes
  28 Pages
制造商  AD [Analog Devices]
网页  http://www.analog.com
标志 AD - Analog Devices
功能描述 Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter

ADUM5402WCRWZ 数据表 (HTML) - Analog Devices

Back Button ADUM5402WCRWZ Datasheet HTML 1Page - Analog Devices ADUM5402WCRWZ Datasheet HTML 2Page - Analog Devices ADUM5402WCRWZ Datasheet HTML 3Page - Analog Devices ADUM5402WCRWZ Datasheet HTML 4Page - Analog Devices ADUM5402WCRWZ Datasheet HTML 5Page - Analog Devices ADUM5402WCRWZ Datasheet HTML 6Page - Analog Devices ADUM5402WCRWZ Datasheet HTML 7Page - Analog Devices ADUM5402WCRWZ Datasheet HTML 8Page - Analog Devices ADUM5402WCRWZ Datasheet HTML 9Page - Analog Devices ADUM5402WCRWZ Datasheet HTML 10Page - Analog Devices Next Button 

ADUM5402WCRWZ 产品详情

GENERAL DESCRIPTION
The ADuM5401W/ADuM5402W/ADuM5403W1 devices are quad-channel digital isolators with isoPower®, an integrated, isolated dc-to-dc converter. Based on the Analog Devices, Inc., iCoupler® technology, the dc-to-dc converter provides up to 500 mW of regulated, isolated power at 5.0 V (see Table 1). These devices eliminate the need for a separate, isolated dc-todc converter in low power, isolated designs. The iCoupler chip scale transformer technology is used to isolate the logic signals and for the magnetic components of the dc-to-dc converter. The result is a small form factor, total isolation solution.

FEATURES
   isoPower integrated, isolated dc-to-dc converter
   Qualified for automotive applications
   Regulated 5 V or 3.3 V output
   Up to 500 mW output power
   Quad dc-to-25 Mbps (NRZ) signal isolation channels
   16-lead SOIC package with 7.6 mm creepage
   High temperature operation: 105°C
   High common-mode transient immunity: >25 kV/µs
   Safety and regulatory approvals
      UL recognition: 2500 V rms for 1 minute per UL 1577
      CSA Component Acceptance Notice #5A
      VDE certificate of conformity
         DIN EN 69747-5-2 (VDE 0884 Teil 2):2003-1
         VIORM = 565 V peak

APPLICATIONS
   Hybrid electric battery management




类似零件编号 - ADUM5402WCRWZ

制造商部件名数据表功能描述
logo
Analog Devices
ADUM5402WCRWZ AD-ADUM5402WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5402WCRWZ-1 AD-ADUM5402WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
More results


类似说明 - ADUM5402WCRWZ

制造商部件名数据表功能描述
logo
Analog Devices
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402CRWZ-RL AD-ADUM5402CRWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402ARWZ-RL AD-ADUM5402ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401_V01 Datasheet
453Kb / 29P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. E
ADUM5401CRWZ-RL AD-ADUM5401CRWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
More results




关于 Analog Devices


Analog Devices,Inc。(ADI)是一家公开交易的公司,设计,开发和制造高性能模拟,混合信号和数字信号处理(DSP)集成电路(ICS)。
该公司成立于1965年,总部位于马萨诸塞州的诺伍德。
ADI服务于广泛的行业,包括航空航天和国防,汽车,通信,消费者,工业,医疗以及测试和测量。
该公司的产品组合包括数据转换器,放大器和比较器,电源管理IC,微控制器,传感器和无线电频率(RF)和微波组件等。
ADI致力于创新和客户满意度,并致力于为客户提供高质量,可靠的解决方案以满足他们的需求。
侧重于能源效率和可持续性,ADI是模拟和混合信号行业的领导者,推动了技术进步,并为世界上最具挑战性的问题提供了创新的解决方案。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com