数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

SKY13306-313LF 数据表 (PDF) - Skyworks Solutions Inc.

SKY13306-313LF Datasheet PDF - Skyworks Solutions Inc.
部件名 SKY13306-313LF
下载  SKY13306-313LF 下载

文件大小   237.12 Kbytes
  5 Pages
制造商  SKYWORKS [Skyworks Solutions Inc.]
网页  http://www.skyworksinc.com
标志 SKYWORKS - Skyworks Solutions Inc.
功能描述 GaAs SPDT Switch 100 MHz?? GHz

SKY13306-313LF Datasheet (PDF)

Go To PDF Page 下载 数据表
SKY13306-313LF Datasheet PDF - Skyworks Solutions Inc.

部件名 SKY13306-313LF
下载  SKY13306-313LF Click to download

文件大小   237.12 Kbytes
  5 Pages
制造商  SKYWORKS [Skyworks Solutions Inc.]
网页  http://www.skyworksinc.com
标志 SKYWORKS - Skyworks Solutions Inc.
功能描述 GaAs SPDT Switch 100 MHz?? GHz

SKY13306-313LF 数据表 (HTML) - Skyworks Solutions Inc.

SKY13306-313LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13306-313LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13306-313LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13306-313LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13306-313LF Datasheet HTML 5Page - Skyworks Solutions Inc.



类似零件编号 - SKY13306-313LF

制造商部件名数据表功能描述
logo
Skyworks Solutions Inc.
SKY13309-370LF SKYWORKS-SKY13309-370LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results


类似说明 - SKY13306-313LF

制造商部件名数据表功能描述
logo
Skyworks Solutions Inc.
SKY13278-313LF SKYWORKS-SKY13278-313LF Datasheet
261Kb / 6P
   GaAs SPDT Switch 100 MHz-2.5 GHz
SKY13270-92LF SKYWORKS-SKY13270-92LF Datasheet
212Kb / 5P
   GaAs SPDT Switch 100 MHz-2.5 GHz
logo
Analog Devices
HMC232A AD-HMC232A Datasheet
1Mb / 12P
   GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
logo
Skyworks Solutions Inc.
SKY13299-321LF SKYWORKS-SKY13299-321LF Datasheet
277Kb / 5P
   GaAs SPDT 7 W Switch 100 MHz-4 GHz
SKY13286-359LF SKYWORKS-SKY13286-359LF Datasheet
551Kb / 5P
   GaAs High Isolation SPDT Absorptive Switch 100 MHz-6 GHz
logo
Analog Devices
HMC349ALP4CE AD-HMC349ALP4CE Datasheet
391Kb / 12P
   High Isolation, Nonreflective, GaAs, SPDT Switch, 100 MHz to 4 GHz
HMC349AMS8G AD-HMC349AMS8G Datasheet
750Kb / 10P
   High Isolation, Nonreflective, GaAs, SPDT Switch,100 MHz to 4 GHz
logo
Skyworks Solutions Inc.
SKY13587-378LF SKYWORKS-SKY13587-378LF Datasheet
849Kb / 9P
   20 MHz to 6.0 GHz GaAs SPDT Switch
logo
Peregrine Semiconductor
PE42424 PSEMI-PE42424 Datasheet
1Mb / 11P
   UltraCMOS SPDT RF Switch 100 MHz?? GHz
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
   UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com