数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

3229-SMA 数据表 (PDF) - KR Electronics, Inc.

3229-SMA Datasheet PDF - KR Electronics, Inc.
部件名 3229-SMA
下载  3229-SMA 下载

文件大小   73.31 Kbytes
  3 Pages
制造商  KR [KR Electronics, Inc.]
网页  http://www.krfilters.com
标志 KR - KR Electronics, Inc.
功能描述 3500 MHz Bandpass Filter

3229-SMA Datasheet (PDF)

Go To PDF Page 下载 数据表
3229-SMA Datasheet PDF - KR Electronics, Inc.

部件名 3229-SMA
下载  3229-SMA Click to download

文件大小   73.31 Kbytes
  3 Pages
制造商  KR [KR Electronics, Inc.]
网页  http://www.krfilters.com
标志 KR - KR Electronics, Inc.
功能描述 3500 MHz Bandpass Filter

3229-SMA 数据表 (HTML) - KR Electronics, Inc.

3229-SMA Datasheet HTML 1Page - KR Electronics, Inc. 3229-SMA Datasheet HTML 2Page - KR Electronics, Inc. 3229-SMA Datasheet HTML 3Page - KR Electronics, Inc.



类似零件编号 - 3229-SMA

制造商部件名数据表功能描述
logo
Gilway Technical Lamp
3229 GILWAY-3229 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
List of Unclassifed Man...
3229 ETC2-3229 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
Heyco.
3229 HEYCO-3229 Datasheet
264Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
SCHOTT CORPORATION
32298 SCHOTT-32298 Datasheet
13Kb / 1P
   INDUCTOR, 9 mH INDUCTOR, 9 mH
32299 SCHOTT-32299 Datasheet
13Kb / 1P
   INDUCTOR, 6 mH POTS LOW PASS FILTER
More results


类似说明 - 3229-SMA

制造商部件名数据表功能描述
logo
TAI-SAW TECHNOLOGY CO.,...
TA2307A TAI-SAW-TA2307A Datasheet
845Kb / 7P
   SAW Filter 3500 MHz
logo
Johanson Technology Inc...
3500FB16A0100 JOHANSON-3500FB16A0100 Datasheet
129Kb / 2P
   3500 MHz Balun / Filter Combination
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TriQuint Semiconductor
855780 TRIQUINT-855780 Datasheet
49Kb / 1P
   199 MHz Bandpass Filter
855832 TRIQUINT-855832 Datasheet
63Kb / 1P
   230 MHz Bandpass Filter
855559 TRIQUINT-855559 Datasheet
58Kb / 1P
   398 MHz Bandpass Filter
855590 TRIQUINT-855590 Datasheet
66Kb / 1P
   201 MHz Bandpass Filter
855845 TRIQUINT-855845 Datasheet
53Kb / 1P
   85.380 MHz Bandpass Filter
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com