数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

3242-SMA 数据表 (PDF) - KR Electronics, Inc.

3242-SMA Datasheet PDF - KR Electronics, Inc.
部件名 3242-SMA
下载  3242-SMA 下载

文件大小   101.41 Kbytes
  3 Pages
制造商  KR [KR Electronics, Inc.]
网页  http://www.krfilters.com
标志 KR - KR Electronics, Inc.
功能描述 900 MHz Bandpass Filter

3242-SMA Datasheet (PDF)

Go To PDF Page 下载 数据表
3242-SMA Datasheet PDF - KR Electronics, Inc.

部件名 3242-SMA
下载  3242-SMA Click to download

文件大小   101.41 Kbytes
  3 Pages
制造商  KR [KR Electronics, Inc.]
网页  http://www.krfilters.com
标志 KR - KR Electronics, Inc.
功能描述 900 MHz Bandpass Filter

3242-SMA 数据表 (HTML) - KR Electronics, Inc.

3242-SMA Datasheet HTML 1Page - KR Electronics, Inc. 3242-SMA Datasheet HTML 2Page - KR Electronics, Inc. 3242-SMA Datasheet HTML 3Page - KR Electronics, Inc.



类似零件编号 - 3242-SMA

制造商部件名数据表功能描述
logo
Intel Corporation
3242 INTEL-3242 Datasheet
248Kb / 4P
   ADDRESS MULTIPLEXER AND REFRESH COUNTER FOR 16K DYNAMIC RAMS
logo
Heyco.
3242 HEYCO-3242 Datasheet
212Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
SCHOTT CORPORATION
32420 SCHOTT-32420 Datasheet
14Kb / 1P
   INDUCTOR 4 mH POTS LOW PASS FILTER
32421 SCHOTT-32421 Datasheet
16Kb / 1P
   INDUCTOR 6 mH POTS LOW PASS FILTER
32422 SCHOTT-32422 Datasheet
13Kb / 1P
   INDUCTOR, 4 mH POTS LOW PASS FILTER
More results


类似说明 - 3242-SMA

制造商部件名数据表功能描述
logo
KR Electronics, Inc.
2855 KR-2855 Datasheet
50Kb / 2P
   550 MHz to 900 MHz bandpass filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0909A TAI-SAW-TA0909A Datasheet
450Kb / 5P
   SAW Filter 900 MHz
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
Johanson Technology Inc...
0892LP07A136 JOHANSON-0892LP07A136 Datasheet
126Kb / 2P
   900 MHz Low Pass Filter
logo
TriQuint Semiconductor
855780 TRIQUINT-855780 Datasheet
49Kb / 1P
   199 MHz Bandpass Filter
855832 TRIQUINT-855832 Datasheet
63Kb / 1P
   230 MHz Bandpass Filter
855559 TRIQUINT-855559 Datasheet
58Kb / 1P
   398 MHz Bandpass Filter
855590 TRIQUINT-855590 Datasheet
66Kb / 1P
   201 MHz Bandpass Filter
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com