数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

3250-N 数据表 (PDF) - KR Electronics, Inc.

3250-N Datasheet PDF - KR Electronics, Inc.
部件名 3250-N
下载  3250-N 下载

文件大小   92.21 Kbytes
  3 Pages
制造商  KR [KR Electronics, Inc.]
网页  http://www.krfilters.com
标志 KR - KR Electronics, Inc.
功能描述 1.5 dB max from 115 to 512 MHz

3250-N Datasheet (PDF)

Go To PDF Page 下载 数据表
3250-N Datasheet PDF - KR Electronics, Inc.

部件名 3250-N
下载  3250-N Click to download

文件大小   92.21 Kbytes
  3 Pages
制造商  KR [KR Electronics, Inc.]
网页  http://www.krfilters.com
标志 KR - KR Electronics, Inc.
功能描述 1.5 dB max from 115 to 512 MHz

3250-N 数据表 (HTML) - KR Electronics, Inc.

3250-N Datasheet HTML 1Page - KR Electronics, Inc. 3250-N Datasheet HTML 2Page - KR Electronics, Inc. 3250-N Datasheet HTML 3Page - KR Electronics, Inc.



类似零件编号 - 3250-N

制造商部件名数据表功能描述
logo
MTU Onsite Energy Corpo...
3250-XC6DT2 MTU-3250-XC6DT2 Datasheet
599Kb / 4P
   DIESEL ENGINE-GENERATOR SET
3250-XC6DT2-STANDBY MTU-3250-XC6DT2-STANDBY Datasheet
294Kb / 4P
   DIESEL GENERATOR SET
More results


类似说明 - 3250-N

制造商部件名数据表功能描述
logo
KR Electronics, Inc.
2969-SMA KR-2969-SMA Datasheet
64Kb / 3P
   10 MHz minimum 1.5 dB BW
2969 KR-2969 Datasheet
47Kb / 3P
   10 MHz minimum 1.5 dB BW
logo
Pasternack Enterprises,...
PE51003 PASTERNACK-PE51003 Datasheet
44Kb / 1P
   Wideband Mobile Antenna, 132 . 512 MHz, 0 dB
PE51006 PASTERNACK-PE51006 Datasheet
47Kb / 1P
   Wideband Mobile Antenna, 406 - 512 MHz, 2 dB
logo
Renesas Technology Corp
IDTF0480NBGI8 RENESAS-IDTF0480NBGI8 Datasheet
2Mb / 28P
   400 MHz ??2700 MHz 13 dB typical max gain
logo
KR Electronics, Inc.
3151 KR-3151 Datasheet
60Kb / 3P
   7 MHz Lowpass Filter 1 dB max
3188-SMA KR-3188-SMA Datasheet
94Kb / 3P
   351 MHz Lowpass Filter 3 dB max
3216-SMA KR-3216-SMA Datasheet
96Kb / 3P
   400 MHz Lowpass Filter 1 dB max
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461_10 Datasheet
536Kb / 9P
   Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
logo
Pasternack Enterprises,...
PE2217-30 PASTERNACK-PE2217-30 Datasheet
213Kb / 3P
   Dual Directional 30 dB SMA Coupler From 500 MHz to 1,000 MHz Rated To 50 Watts
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com