数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

CY7C1021CV33-12VI 数据表 (PDF) - Cypress Semiconductor

CY7C1021CV33-12VI Datasheet PDF - Cypress Semiconductor
部件名 CY7C1021CV33-12VI
下载  CY7C1021CV33-12VI 下载

文件大小   231.22 Kbytes
  12 Pages
制造商  CYPRESS [Cypress Semiconductor]
网页  http://www.cypress.com
标志 CYPRESS - Cypress Semiconductor
功能描述 64K x 16 Static RAM

CY7C1021CV33-12VI Datasheet (PDF)

Go To PDF Page 下载 数据表
CY7C1021CV33-12VI Datasheet PDF - Cypress Semiconductor

部件名 CY7C1021CV33-12VI
下载  CY7C1021CV33-12VI Click to download

文件大小   231.22 Kbytes
  12 Pages
制造商  CYPRESS [Cypress Semiconductor]
网页  http://www.cypress.com
标志 CYPRESS - Cypress Semiconductor
功能描述 64K x 16 Static RAM

CY7C1021CV33-12VI 数据表 (HTML) - Cypress Semiconductor

Back Button CY7C1021CV33-12VI Datasheet HTML 1Page - Cypress Semiconductor CY7C1021CV33-12VI Datasheet HTML 2Page - Cypress Semiconductor CY7C1021CV33-12VI Datasheet HTML 3Page - Cypress Semiconductor CY7C1021CV33-12VI Datasheet HTML 4Page - Cypress Semiconductor CY7C1021CV33-12VI Datasheet HTML 5Page - Cypress Semiconductor CY7C1021CV33-12VI Datasheet HTML 6Page - Cypress Semiconductor CY7C1021CV33-12VI Datasheet HTML 7Page - Cypress Semiconductor CY7C1021CV33-12VI Datasheet HTML 8Page - Cypress Semiconductor CY7C1021CV33-12VI Datasheet HTML 9Page - Cypress Semiconductor CY7C1021CV33-12VI Datasheet HTML 10Page - Cypress Semiconductor Next Button 

CY7C1021CV33-12VI 产品详情

Functional Description[1]
The CY7C1021CV33 is a high-performance CMOS static RAM organized as 65,536 words by 16 bits. This device has an automatic power-down feature that significantly reduces power consumption when deselected.

Features
• Temperature Ranges
    — Commercial: 0°C to 70°C
    — Industrial: –40°C to 85°C
    — Automotive-A: –40°C to 85°C
    — Automotive-E: –40°C to 125°C
• Pin- and function-compatible with CY7C1021BV33
• High speed
    — tAA = 8 ns (Commercial & Industrial)
    — tAA = 12 ns (Automotive)
• CMOS for optimum speed/power
• Low active power: 345 mW (max.)
• Automatic power-down when deselected
• Independent control of upper and lower bits
• Available in Pb-free and non Pb-free 44-pin 400-Mil SOJ 44-pin TSOP II and 48-ball FBGA packages




类似零件编号 - CY7C1021CV33-12VI

制造商部件名数据表功能描述
logo
Cypress Semiconductor
CY7C1021CV33-12VI CYPRESS-CY7C1021CV33-12VI Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
More results


类似说明 - CY7C1021CV33-12VI

制造商部件名数据表功能描述
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA1016U4X WEIDA-WCMA1016U4X Datasheet
308Kb / 11P
   64K x 16 Static RAM
WCFS1016V1C WEIDA-WCFS1016V1C Datasheet
187Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BV33 CYPRESS-CY7C1021BV33 Datasheet
239Kb / 11P
   64K x 16 Static RAM
More results




关于 Cypress Semiconductor


赛普拉斯半导体是一家美国公司,专门从事高性能数字和模拟集成电路(ICS)的设计和制造。
该公司成立于1982年,总部位于美国加利福尼亚州圣何塞。
赛普拉斯(Cypress)提供了广泛的产品,包括微控制器,内存产品,无线连接解决方​​案以及其他数字和模拟IC。
该公司的产品用于各种应用,例如消费电子,汽车系统,工业系统等。
赛普拉斯以其在嵌入式系统领域的混合信号和可编程系统,高质量产品和创新方面的专业知识而闻名。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com