数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

T491D106M035AT 数据表 (PDF) - Kemet Corporation

T491D106M035AT Datasheet PDF - Kemet Corporation
部件名 T491D106M035AT
下载  T491D106M035AT 下载

文件大小   81.09 Kbytes
  1 Pages
制造商  KEMET [Kemet Corporation]
网页  http://www.kemet.com
标志 KEMET - Kemet Corporation
功能描述 Tantalum, MnO2 Tantalum, T491, 10 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm

T491D106M035AT Datasheet (PDF)

Go To PDF Page 下载 数据表
T491D106M035AT Datasheet PDF - Kemet Corporation

部件名 T491D106M035AT
下载  T491D106M035AT Click to download

文件大小   81.09 Kbytes
  1 Pages
制造商  KEMET [Kemet Corporation]
网页  http://www.kemet.com
标志 KEMET - Kemet Corporation
功能描述 Tantalum, MnO2 Tantalum, T491, 10 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm

T491D106M035AT 数据表 (HTML) - Kemet Corporation

T491D106M035AT Datasheet HTML 1Page - Kemet Corporation

T491D106M035AT 产品详情

PRODUCT DESCRIPTION
KEMET’s family of solid tantalum chip capacitors is designed and manufactured with the demanding requirements of surface mount technology in mind.
These devices extend the advantages of solid tantalum technology to today’s surface mount circuit applications. Complementing multilayer ceramic chip convenience with capacitance ratings through 1500 µF, tantalum chip capacitors permit circuitdesigners to take full advantage of the benefits of surface mount technology.

SOLID TANTALUM CHIP CAPACITORS
T491 SERIES - Precision Molded Chip

FEATURES
• Meets or Exceeds EIA Standard 535BAAC
• Taped and Reeled per EIA 481-1
• Symmetrical, Compliant Terminations
• Optional Gold-plated Terminations
• Laser-marked Case
• 100% Surge current test on C, D, E, U, V, X sizes
• Halogen Free Epoxy
• Capacitance: 0.1 μF to 1000 μF
• Tolerance: ±10%, ±20%
• Voltage: 2.5-50 VDC
• Extended Range Values
• Low Profile Case Sizes
• RoHS Compliance & Lead Free Terminations
   (See www.kemet.com for transition information)
• Operating Temperature: -55˚C to +125˚C




类似零件编号 - T491D106M035AT

制造商部件名数据表功能描述
logo
Kemet Corporation
T491D106M025AT KEMET-T491D106M025AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 20%, 25 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm
T491D106M050AT KEMET-T491D106M050AT Datasheet
81Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, 10 uF, 7343, /-20% Tol, 50 VDC (85C)
More results


类似说明 - T491D106M035AT

制造商部件名数据表功能描述
logo
Kemet Corporation
T491D106K035AT KEMET-T491D106K035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm
T491D156K020AT KEMET-T491D156K020AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 15 uF, 10%, 20 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm
T491D106M025AT KEMET-T491D106M025AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 20%, 25 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm
T491D685M035AT KEMET-T491D685M035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 6.8 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, 1.2 Ohms, Height Max = 3.1mm
T491D475M035AT KEMET-T491D475M035AT Datasheet
86Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 4.7 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, 1.5 Ohms, Height Max = 3.1mm
T491D475K035AT KEMET-T491D475K035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 4.7 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, 1.5 Ohms, Height Max = 3.1mm
T491D106K025AT KEMET-T491D106K025AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm
T491D156K025AT KEMET-T491D156K025AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 15 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm
T491D226K035AT KEMET-T491D226K035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 3.1mm
T491D156K035AT KEMET-T491D156K035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 15 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com