数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

KYZ25A2 数据表 (PDF) - Diotec Semiconductor

KYZ25A2 Datasheet PDF - Diotec Semiconductor
部件名 KYZ25A2
下载  KYZ25A2 下载

文件大小   150.52 Kbytes
  2 Pages
制造商  DIOTEC [Diotec Semiconductor]
网页  http://www.diotec.com
标志 DIOTEC - Diotec Semiconductor
功能描述 Standard Recovery Press-fit Rectifier Diodes

KYZ25A2 Datasheet (PDF)

Go To PDF Page 下载 数据表
KYZ25A2 Datasheet PDF - Diotec Semiconductor

部件名 KYZ25A2
下载  KYZ25A2 Click to download

文件大小   150.52 Kbytes
  2 Pages
制造商  DIOTEC [Diotec Semiconductor]
网页  http://www.diotec.com
标志 DIOTEC - Diotec Semiconductor
功能描述 Standard Recovery Press-fit Rectifier Diodes

KYZ25A2 数据表 (HTML) - Diotec Semiconductor

KYZ25A2 Datasheet HTML 1Page - Diotec Semiconductor KYZ25A2 Datasheet HTML 2Page - Diotec Semiconductor

KYZ25A2 产品详情

Silicon-Press-Fit-Diodes – High Temperature Diodes

• Nominal Current                                    25 A
• Repetitive peak reverse voltage 50 ... 600 V
• Metal press-fit case with glass seal
• Weight approx.                                      10 g
• Compound has classification UL94V-0
• Standard packaging: bulk




类似零件编号 - KYZ25A2

制造商部件名数据表功能描述
logo
Diotec Semiconductor
KYZ25A2 DIOTEC-KYZ25A2 Datasheet
181Kb / 2P
   Silicon Press-Fit-Diodes
logo
Semikron International
KYZ25A2 SEMIKRON-KYZ25A2 Datasheet
243Kb / 2P
   Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
KYZ25A2 DIOTEC-KYZ25A2 Datasheet
69Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes Silizium-Einpress-Dioden - Hochtemperatur-Dioden
logo
Semikron International
KYZ25A2 SEMIKRON-KYZ25A2 Datasheet
246Kb / 2P
   Silicon Press-Fit-Diodes
More results


类似说明 - KYZ25A2

制造商部件名数据表功能描述
logo
Diotec Semiconductor
BYP25A05 DIOTEC-BYP25A05_18 Datasheet
157Kb / 2P
   Standard Recovery Press-fit Rectifier Diodes
KYZ35A1 DIOTEC-KYZ35A1 Datasheet
150Kb / 2P
   Standard Recovery Press-fit Rectifier Diodes
BYP35A05 DIOTEC-BYP35A05_18 Datasheet
157Kb / 2P
   Standard Recovery Press-fit Rectifier Diodes
KYW35A1 DIOTEC-KYW35A1 Datasheet
150Kb / 2P
   Standard Recovery Press-fit Rectifier Diodes
BYP60A05 DIOTEC-BYP60A05_17 Datasheet
155Kb / 2P
   Standard Recovery Press-fit Rectifier Diodes
KYW25A1 DIOTEC-KYW25A1 Datasheet
149Kb / 2P
   Standard Recovery Press-fit Rectifier Diodes
1N4001 DIOTEC-1N4001_1 Datasheet
142Kb / 2P
   Standard Recovery Rectifier Diodes
BYW27-50 DIOTEC-BYW27-50 Datasheet
136Kb / 2P
   Standard Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
BY2000 SUNMATE-BY2000 Datasheet
551Kb / 2P
   STANDARD RECOVERY RECTIFIER DIODES
logo
Diotec Semiconductor
P2500A DIOTEC-P2500A_15 Datasheet
138Kb / 2P
   Standard Recovery Rectifier Diodes
More results




关于 Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com