数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

TQ5635 数据表 (PDF) - TriQuint Semiconductor

TQ5635 Datasheet PDF - TriQuint Semiconductor
部件名 TQ5635
下载  TQ5635 下载

文件大小   218.56 Kbytes
  25 Pages
制造商  TRIQUINT [TriQuint Semiconductor]
网页  http://www.triquint.com
标志 TRIQUINT - TriQuint Semiconductor
功能描述 3 V PCS LNA/Mixer Receiver IC

TQ5635 Datasheet (PDF)

Go To PDF Page 下载 数据表
TQ5635 Datasheet PDF - TriQuint Semiconductor

部件名 TQ5635
下载  TQ5635 Click to download

文件大小   218.56 Kbytes
  25 Pages
制造商  TRIQUINT [TriQuint Semiconductor]
网页  http://www.triquint.com
标志 TRIQUINT - TriQuint Semiconductor
功能描述 3 V PCS LNA/Mixer Receiver IC

TQ5635 数据表 (HTML) - TriQuint Semiconductor

Back Button TQ5635 Datasheet HTML 1Page - TriQuint Semiconductor TQ5635 Datasheet HTML 2Page - TriQuint Semiconductor TQ5635 Datasheet HTML 3Page - TriQuint Semiconductor TQ5635 Datasheet HTML 4Page - TriQuint Semiconductor TQ5635 Datasheet HTML 5Page - TriQuint Semiconductor TQ5635 Datasheet HTML 6Page - TriQuint Semiconductor TQ5635 Datasheet HTML 7Page - TriQuint Semiconductor TQ5635 Datasheet HTML 8Page - TriQuint Semiconductor TQ5635 Datasheet HTML 9Page - TriQuint Semiconductor TQ5635 Datasheet HTML 10Page - TriQuint Semiconductor Next Button 

TQ5635 产品详情

Product Description
The TQ5635 is an LNA-Downconverter optimized for use in the Korea CDMA PCS bands. The integrated LNA has a single high gain mode that provides over 15 dB of gain, and features very low NF and excellent IP3. An external resistor controls LNA bias, making LNA Idd adjustable.

Features
➤ Single 3.0 V Operation
➤ Adjustable Gain/IP3/Current
➤ Low Current Operation
➤ Few external components
➤ QFN 3x3 mm, 16 Pin Leadless Plastic Package
➤ High Input IP3
➤ Low Noise Figure

Applications
➤ PCS band CDMA mobile Applications
➤ Wireless data applications




类似零件编号 - TQ5635

制造商部件名数据表功能描述
logo
TriQuint Semiconductor
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
TQ5633 TRIQUINT-TQ5633 Datasheet
97Kb / 10P
   3V PCS Band CDMA RFA/Mixer IC(WIRELESS COMMUNICATIONS DIVISION)
TQ5638 TRIQUINT-TQ5638 Datasheet
248Kb / 11P
   2.8V SIGE DUALl-MODE CDMA Rx RECEIVER
More results


类似说明 - TQ5635

制造商部件名数据表功能描述
logo
TriQuint Semiconductor
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
logo
TriQuint Semiconductor
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
   Low Current, 3V PCS Band CDMA LNA IC
TQ5622 TRIQUINT-TQ5622 Datasheet
80Kb / 9P
   3V PCS Receiver IC With Power- Down
logo
Analog Devices
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com