数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

NTE7102 数据表 (PDF) - NTE Electronics

NTE7102 Datasheet PDF - NTE Electronics
部件名 NTE7102
下载  NTE7102 下载

文件大小   26.57 Kbytes
  3 Pages
制造商  NTE [NTE Electronics]
网页  http://www.nteinc.com
标志 NTE - NTE Electronics
功能描述 Integrated Circuit Dual Audio Power Amplifier, 5.5W/Ch (20W BTL)

NTE7102 Datasheet (PDF)

Go To PDF Page 下载 数据表
NTE7102 Datasheet PDF - NTE Electronics

部件名 NTE7102
下载  NTE7102 Click to download

文件大小   26.57 Kbytes
  3 Pages
制造商  NTE [NTE Electronics]
网页  http://www.nteinc.com
标志 NTE - NTE Electronics
功能描述 Integrated Circuit Dual Audio Power Amplifier, 5.5W/Ch (20W BTL)

NTE7102 数据表 (HTML) - NTE Electronics

NTE7102 Datasheet HTML 1Page - NTE Electronics NTE7102 Datasheet HTML 2Page - NTE Electronics NTE7102 Datasheet HTML 3Page - NTE Electronics

NTE7102 产品详情

Description:

The NTE7102 is a class B dual audio power amplifier in a 14–Lead DIP type package designed for use in a music center and a radio cassette player.



Features:

• High Output Power: 20W Typ @ VCC = 18V, RL = 8Ω (BTL)

                             5.5W/Ch Typ @ VCC = 18V, RL = 8Ω

                             7W/Ch Typ @ VCC = 15V, RL = 4Ω

                             5.7W/Ch Typ @ VCC = 12V, RL = 3Ω

                             4.6W/Ch Typ @ VCC = 12V, RL = 4Ω

• Wide Operating Voltage Range: VCC = 6 to 20V

• Low Quiescent Current: ICC = 23mA Typ @ VCC = 15V

• Low Noise: NL = 0.25mVrms Typ

• High Supply Voltage Rejection: SVR = 55dB Typ

• No Shock Noise at Power Supply Switch ON and OFF

• Soft Clipping Wave Form

• Built–In Thermal Shutdown Circuit

• Low Thermal Resistance: RΘJC = 3°C/W

• Few External Components



 




类似零件编号 - NTE7102

制造商部件名数据表功能描述
logo
NTE Electronics
NTE7100 NTE-NTE7100 Datasheet
21Kb / 2P
   Integrated Circuit Protector IC for Stereo Power Amplifier
NTE7101 NTE-NTE7101 Datasheet
22Kb / 2P
   Integrated Circuit AF Power Amplifier, 7W
NTE7103 NTE-NTE7103 Datasheet
23Kb / 2P
   Integrated Circuit 50W to 80W Power Amplifier, Driver
NTE7104 NTE-NTE7104 Datasheet
24Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit w/Drive Circuit for CRT Display
NTE7105 NTE-NTE7105 Datasheet
74Kb / 3P
   Integrated Circuit Dual 10W 10W Stereo Amplifier
More results


类似说明 - NTE7102

制造商部件名数据表功能描述
logo
NTE Electronics
NTE1369 NTE-NTE1369 Datasheet
79Kb / 1P
   Integrated Circuit Audio Power Amplifier, 5.5W
NTE1389 NTE-NTE1389 Datasheet
24Kb / 3P
   Integrated Circuit Dual, Audio Power Amplifier, 20W
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
NTE1724 NTE-NTE1724 Datasheet
33Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
NTE7040 NTE-NTE7040 Datasheet
28Kb / 3P
   Integrated Circuit Audio Power Amplifier, 20W
NTE7059 NTE-NTE7059 Datasheet
74Kb / 3P
   Integrated Circuit Dual BTL 14W Audio Power Amplifier
NTE7011 NTE-NTE7011 Datasheet
75Kb / 3P
   Integrated Circuit 20W Audio Power Amplifier Circuit
NTE7113 NTE-NTE7113 Datasheet
82Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 14W BTL
NTE1240 NTE-NTE1240 Datasheet
72Kb / 2P
   Integrated Circuit Audio Power Amp, 5.5W
NTE1383 NTE-NTE1383 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amp, 5.1W/Ch (10.5W BTL)
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com