数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

WIREFOX-10-VDE 数据表 (PDF) - PHOENIX CONTACT

WIREFOX-10-VDE Datasheet PDF - PHOENIX CONTACT
部件名 WIREFOX-10-VDE
下载  WIREFOX-10-VDE 下载

文件大小   49.53 Kbytes
  2 Pages
制造商  PHOENIX [PHOENIX CONTACT]
网页  http://www.phoenixcontact.com
标志 PHOENIX - PHOENIX CONTACT
功能描述 Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested

WIREFOX-10-VDE Datasheet (PDF)

Go To PDF Page 下载 数据表
WIREFOX-10-VDE Datasheet PDF - PHOENIX CONTACT

部件名 WIREFOX-10-VDE
下载  WIREFOX-10-VDE Click to download

文件大小   49.53 Kbytes
  2 Pages
制造商  PHOENIX [PHOENIX CONTACT]
网页  http://www.phoenixcontact.com
标志 PHOENIX - PHOENIX CONTACT
功能描述 Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested

WIREFOX-10-VDE 数据表 (HTML) - PHOENIX CONTACT

WIREFOX-10-VDE Datasheet HTML 1Page - PHOENIX CONTACT WIREFOX-10-VDE Datasheet HTML 2Page - PHOENIX CONTACT



类似零件编号 - WIREFOX-10-VDE

制造商部件名数据表功能描述
logo
PHOENIX CONTACT
WIREFOX-10-VDE-DB PHOENIX-WIREFOX-10-VDE-DB Datasheet
53Kb / 2P
   Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested, type of packaging: with holder for sales display (backcard)
More results


类似说明 - WIREFOX-10-VDE

制造商部件名数据表功能描述
logo
PHOENIX CONTACT
WIREFOX-10-VDE-DB PHOENIX-WIREFOX-10-VDE-DB Datasheet
53Kb / 2P
   Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested, type of packaging: with holder for sales display (backcard)
WIREFOX-16-1 PHOENIX-WIREFOX-16-1 Datasheet
50Kb / 2P
   Stripping pliers, for cables and conductors with a cross section of 6 ??16 mm짼, self-adjusting, any stripping length, also suitable for sensor/actuator cables
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
   Stripping pliers
2009-03-11
logo
PHOENIX CONTACT
1212366 PHOENIX-1212366 Datasheet
49Kb / 2P
   Stripping tool - WIREFOX 10 VDE
QUICK-WIREFOX-6-SC PHOENIX-QUICK-WIREFOX-6-SC Datasheet
49Kb / 2P
   Stripping tool for short-circuit proof conductors, stripping range: 1.5 up to 6 mm짼, wire cutting up to 6 mm짼 cable stopper up to 18 mm짼
1203259 PHOENIX-1203259 Datasheet
47Kb / 2P
   These crimping pliers are pneumatic tools for ferrules with a cross section range of 0.25 to 10 mm짼
QUICK-WIREFOX-18 PHOENIX-QUICK-WIREFOX-18 Datasheet
46Kb / 2P
   Stripping pliers, for standard insulation such as PVC and PE, stripping range: 4 to 16 mm짼, can cut wires up to 6 mm짼 stranded and 4 mm짼 solid
QUICK-WIREFOX-6 PHOENIX-QUICK-WIREFOX-6 Datasheet
54Kb / 3P
   Stripping tool for cables with PVC insulation, stripping range: 0.08 to 6 mm짼, wire cutting up to 6 mm짼 flexible or 4 mm짼 rigid
1657407 PHOENIX-1657407 Datasheet
48Kb / 2P
   Stripping tool, for the multi-level stripping of shielded cables
WIREFOX-D-28 PHOENIX-WIREFOX-D-28 Datasheet
51Kb / 3P
   Stripping tool, for stripping lines of 횠 8 - 28 mm
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com