数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

BD744 数据表 (PDF) - New Jersey Semi-Conductor Products, Inc.

BD744 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
部件名 BD744
下载  BD744 下载

文件大小   132.39 Kbytes
  2 Pages
制造商  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
网页  http://www.njsemi.com
标志 NJSEMI - New Jersey Semi-Conductor Products, Inc.
功能描述 Silicon PNP Power Transistor

BD744 Datasheet (PDF)

Go To PDF Page 下载 数据表
BD744 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

部件名 BD744
下载  BD744 Click to download

文件大小   132.39 Kbytes
  2 Pages
制造商  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
网页  http://www.njsemi.com
标志 NJSEMI - New Jersey Semi-Conductor Products, Inc.
功能描述 Silicon PNP Power Transistor

BD744 数据表 (HTML) - New Jersey Semi-Conductor Products, Inc.

BD744 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. BD744 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.

BD744 产品详情

DESCRIPTION
• Collector-Emitter Breakdown Voltage- : V(BR)CEO= -45V(Min)
• Collector Power Dissipation- : PC= 90W@ IC= 25℃
• 15A Continuous Collector Current
• Complement to Type BD743

APPLICATIONS
• Designed for use in general purpose power amplifier and switching applications.




类似零件编号 - BD744

制造商部件名数据表功能描述
logo
Power Innovations Ltd
BD744 POINN-BD744 Datasheet
87Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD744 BOURNS-BD744 Datasheet
107Kb / 5P
   PNP SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD744 ISC-BD744 Datasheet
113Kb / 2P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
BD744 SAVANTIC-BD744 Datasheet
101Kb / 3P
   Silicon PNP Power Transistors
BD744 SAVANTIC-BD744 Datasheet
102Kb / 3P
   Silicon NPN Power Transistors
More results


类似说明 - BD744

制造商部件名数据表功能描述
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
   PNP POWER SILICON TRANSISTOR
logo
Continental Device Indi...
CSB834 CDIL-CSB834 Datasheet
211Kb / 3P
   PNP SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SB823 ISC-2SB823 Datasheet
257Kb / 2P
   Silicon PNP Power Transistor
2SA1822 ISC-2SA1822 Datasheet
267Kb / 2P
   Silicon PNP Power Transistor
2SB547 ISC-2SB547 Datasheet
255Kb / 2P
   Silicon PNP Power Transistor
2SB625 ISC-2SB625 Datasheet
249Kb / 2P
   Silicon PNP Power Transistor
logo
M/A-COM Technology Solu...
2N6193 MA-COM-2N6193 Datasheet
457Kb / 4P
   PNP Power Silicon Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
   Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
   Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
   Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
   Silicon PNP Power Transistor
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com