数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

TA1915C 数据表 (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA1915C Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
部件名 TA1915C
下载  TA1915C 下载

文件大小   423.3 Kbytes
  6 Pages
制造商  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
网页  http://www.taisaw.com
标志 TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
功能描述 SAW Filter 742.5 MHz

TA1915C Datasheet (PDF)

Go To PDF Page 下载 数据表
TA1915C Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

部件名 TA1915C
下载  TA1915C Click to download

文件大小   423.3 Kbytes
  6 Pages
制造商  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
网页  http://www.taisaw.com
标志 TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
功能描述 SAW Filter 742.5 MHz

TA1915C 数据表 (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA1915C Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1915C Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1915C Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1915C Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1915C Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1915C Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.



类似零件编号 - TA1915C

制造商部件名数据表功能描述
logo
TAI-SAW TECHNOLOGY CO.,...
TA1915A TAI-SAW-TA1915A Datasheet
263Kb / 6P
   SAW Filter 742.5 MHz
logo
Golledge Electronics Lt...
TA1915A GOLLEDGE-TA1915A Datasheet
179Kb / 5P
   SAW Filter 742.50MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1915B TAI-SAW-TA1915B Datasheet
423Kb / 6P
   SAW Filter 742.5 MHz
logo
Beijing Yaohuadechang E...
TA1915SB-05 YHDC-TA1915SB-05 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA1915SB-10 YHDC-TA1915SB-10 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
More results


类似说明 - TA1915C

制造商部件名数据表功能描述
logo
TAI-SAW TECHNOLOGY CO.,...
TA1915A TAI-SAW-TA1915A Datasheet
263Kb / 6P
   SAW Filter 742.5 MHz
TA1915B TAI-SAW-TA1915B Datasheet
423Kb / 6P
   SAW Filter 742.5 MHz
logo
TriQuint Semiconductor
857217 TRIQUINT-857217_15 Datasheet
303Kb / 6P
   742.5 MHz SAW filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1016A TAI-SAW-TA1016A Datasheet
377Kb / 6P
   SAW Filter 742.5 MHz
TA1016B TAI-SAW-TA1016B Datasheet
242Kb / 6P
   SAW Filter 742.5 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com