数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

TA1954D 数据表 (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA1954D Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
部件名 TA1954D
下载  TA1954D 下载

文件大小   392.01 Kbytes
  9 Pages
制造商  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
网页  http://www.taisaw.com
标志 TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
功能描述 SAW Filter 1582.47 MHz SMD 1.1X0.9 mm (BW=46.84 MHz)

TA1954D Datasheet (PDF)

Go To PDF Page 下载 数据表
TA1954D Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

部件名 TA1954D
下载  TA1954D Click to download

文件大小   392.01 Kbytes
  9 Pages
制造商  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
网页  http://www.taisaw.com
标志 TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
功能描述 SAW Filter 1582.47 MHz SMD 1.1X0.9 mm (BW=46.84 MHz)

TA1954D 数据表 (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA1954D Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1954D Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1954D Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1954D Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1954D Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1954D Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1954D Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1954D Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1954D Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.



类似零件编号 - TA1954D

制造商部件名数据表功能描述
logo
TAI-SAW TECHNOLOGY CO.,...
TA1954A TAI-SAW-TA1954A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA1954A GOLLEDGE-TA1954A Datasheet
281Kb / 9P
   SAW Filter 1582.470MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1954C TAI-SAW-TA1954C Datasheet
651Kb / 10P
   SAW Filter 1582.47 MHz
TA1954E TAI-SAW-TA1954E Datasheet
566Kb / 9P
   SAW Rx Filter 1582.47 MHz GPSGLONASSCompass SMD 1.1x0.9mm (BW=46.84 MHz)
More results


类似说明 - TA1954D

制造商部件名数据表功能描述
logo
TAI-SAW TECHNOLOGY CO.,...
TA1954E TAI-SAW-TA1954E Datasheet
566Kb / 9P
   SAW Rx Filter 1582.47 MHz GPSGLONASSCompass SMD 1.1x0.9mm (BW=46.84 MHz)
TA2042A TAI-SAW-TA2042A Datasheet
508Kb / 9P
   SAW Filter 847 MHz SMD 1.1X0.9 mm (BW=30 MHz)
TA2041B TAI-SAW-TA2041B Datasheet
487Kb / 9P
   SAW Filter 806 MHz SMD 1.1X0.9 mm (BW=30 MHz)
TA2041C TAI-SAW-TA2041C Datasheet
531Kb / 9P
   SAW Filter 806 MHz SMD 1.1X0.9 mm (BW=30 MHz)
TA2568A TAI-SAW-TA2568A Datasheet
421Kb / 9P
   SAW Filter 2332.5 MHz SMD 1.1X0.9 mm (BW=25MHz)
TA2471B TAI-SAW-TA2471B Datasheet
541Kb / 8P
   SAW Filter 1176.5 MHz SMD 1.1X0.9 mm (BW=25MHz)
TA2637A TAI-SAW-TA2637A Datasheet
790Kb / 9P
   SAW Filter 1207.5 MHz SMD 1.1X0.9 mm (BW=83MHz)
TA2543A TAI-SAW-TA2543A Datasheet
726Kb / 8P
   SAW Filter 1176.45 MHz SMD 1.1X0.9 mm (BW=20MHz)
TA2448B TAI-SAW-TA2448B Datasheet
888Kb / 8P
   SAW Filter 1189 MHz SMD 1.1X0.9 mm (BW=50MHz)
TA1804B TAI-SAW-TA1804B Datasheet
746Kb / 9P
   SAW Filter 1582.469 MHz Rx SMD 1.1x0.9 mm (BW=46.834 MHz)
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com