数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

TA1964B 数据表 (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA1964B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
部件名 TA1964B
下载  TA1964B 下载

文件大小   502.39 Kbytes
  10 Pages
制造商  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
网页  http://www.taisaw.com
标志 TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
功能描述 SAW Filter 2605 MHz

TA1964B Datasheet (PDF)

Go To PDF Page 下载 数据表
TA1964B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

部件名 TA1964B
下载  TA1964B Click to download

文件大小   502.39 Kbytes
  10 Pages
制造商  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
网页  http://www.taisaw.com
标志 TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
功能描述 SAW Filter 2605 MHz

TA1964B 数据表 (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA1964B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1964B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1964B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1964B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1964B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1964B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1964B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1964B Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1964B Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD. TA1964B Datasheet HTML 10Page - TAI-SAW TECHNOLOGY CO., LTD.



类似零件编号 - TA1964B

制造商部件名数据表功能描述
logo
TAI-SAW TECHNOLOGY CO.,...
TA1964A TAI-SAW-TA1964A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
TA1964C TAI-SAW-TA1964C Datasheet
714Kb / 8P
   SAW Filter 2605 MHz
TA1964CN1324 TAI-SAW-TA1964CN1324 Datasheet
806Kb / 8P
   SAW Filter 2605 MHz Band 41 SMD 1.4x1.1mm (BW=100 MHz)
More results


类似说明 - TA1964B

制造商部件名数据表功能描述
logo
TAI-SAW TECHNOLOGY CO.,...
TA1964C TAI-SAW-TA1964C Datasheet
714Kb / 8P
   SAW Filter 2605 MHz
TA1964CN1324 TAI-SAW-TA1964CN1324 Datasheet
806Kb / 8P
   SAW Filter 2605 MHz Band 41 SMD 1.4x1.1mm (BW=100 MHz)
TA2280A TAI-SAW-TA2280A Datasheet
484Kb / 8P
   SAW Filter 2605 MHz Band 41 TRX SMD 1.1x0.9 mm
TA1991A TAI-SAW-TA1991A Datasheet
477Kb / 7P
   SAW Rx Filter 2605 MHz LTE Band 41 SMD 1109(100MHz BW)
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com