数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

SBC7-6R8-612 数据表 (PDF) - Kemet Corporation

SBC7-6R8-612 Datasheet PDF - Kemet Corporation
部件名 SBC7-6R8-612
下载  SBC7-6R8-612 下载

文件大小   509.25 Kbytes
  12 Pages
制造商  KEMET [Kemet Corporation]
网页  http://www.kemet.com
标志 KEMET - Kemet Corporation
功能描述 Conformally Coated SBC Coils

SBC7-6R8-612 Datasheet (PDF)

Go To PDF Page 下载 数据表
SBC7-6R8-612 Datasheet PDF - Kemet Corporation

部件名 SBC7-6R8-612
下载  SBC7-6R8-612 Click to download

文件大小   509.25 Kbytes
  12 Pages
制造商  KEMET [Kemet Corporation]
网页  http://www.kemet.com
标志 KEMET - Kemet Corporation
功能描述 Conformally Coated SBC Coils

SBC7-6R8-612 数据表 (HTML) - Kemet Corporation

Back Button SBC7-6R8-612 Datasheet HTML 1Page - Kemet Corporation SBC7-6R8-612 Datasheet HTML 2Page - Kemet Corporation SBC7-6R8-612 Datasheet HTML 3Page - Kemet Corporation SBC7-6R8-612 Datasheet HTML 4Page - Kemet Corporation SBC7-6R8-612 Datasheet HTML 5Page - Kemet Corporation SBC7-6R8-612 Datasheet HTML 6Page - Kemet Corporation SBC7-6R8-612 Datasheet HTML 7Page - Kemet Corporation SBC7-6R8-612 Datasheet HTML 8Page - Kemet Corporation SBC7-6R8-612 Datasheet HTML 9Page - Kemet Corporation SBC7-6R8-612 Datasheet HTML 10Page - Kemet Corporation Next Button 

SBC7-6R8-612 产品详情

Overview
Ferrite power inductors are useful in various fields and suitable for DC/DC converters and noise filters.

Benefits
• Drum core construction
• Nickel-zinc (NiZn) ferrite core
• Magnetic non-shield type
• Operating temperature range of up to +105°C
• RoHS compliant

Applications
   Typical applications include LED lighting, xDSL modems, copying machines, flat TVs, smart meters, and power supplies.




类似零件编号 - SBC7-6R8-612

制造商部件名数据表功能描述
logo
NEC
SBC7-6R8-612 NEC-SBC7-6R8-612 Datasheet
2Mb / 104P
   Power Inductors
logo
Kemet Corporation
SBC7-6R8-612 KEMET-SBC7-6R8-612 Datasheet
77Kb / 1P
   KEMET, SBC7, Power, 6800 nH, 20%, 10mm
More results


类似说明 - SBC7-6R8-612

制造商部件名数据表功能描述
logo
Kemet Corporation
SBCP-47HY150HB KEMET-SBCP-47HY150HB Datasheet
366Kb / 6P
   Conformally Coated SBCP Coils
logo
RENCO ELECTRONICS, INC.
RL-1505 RENCO-RL-1505 Datasheet
177Kb / 2P
   MINI-INDUCTORS CONFORMALLY COATED
RL-1507 RENCO-RL-1507 Datasheet
1Mb / 3P
   MINI-INDUCTORS CONFORMALLY COATED
logo
Cornell Dubilier Electr...
M15 CDE-M15 Datasheet
157Kb / 6P
   Conformally coated, radial leaded
logo
List of Unclassifed Man...
FLA ETC-FLA Datasheet
50Kb / 2P
   Precision Resistor (Conformally Coated)
logo
Cornell Dubilier Electr...
P10 CDE-P10 Datasheet
189Kb / 4P
   Conformally coated, axial leaded
logo
RENCO ELECTRONICS, INC.
RL-1506 RENCO-RL-1506 Datasheet
1Mb / 3P
   MINI-INDUCTORS CONFORMALLY COATED
RL-1508 RENCO-RL-1508 Datasheet
1Mb / 2P
   MINI-INDUCTORS CONFORMALLY COATED
logo
NIC-Components Corp.
NCM NIC-NCM Datasheet
83Kb / 2P
   Conformally Coated, Radial Multilayer Ceramic Capacitors
logo
AVX Corporation
SA101C103KAR AVX-SA101C103KAR Datasheet
261Kb / 6P
   Conformally Coated Axial Leaded MLC
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com