数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

AO4613 数据表 (PDF) - Guangdong Kexin Industrial Co.,Ltd

AO4613 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
部件名 AO4613
下载  AO4613 下载

文件大小   2200.4 Kbytes
  7 Pages
制造商  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
网页  http://www.kexin.com.cn/index.asp
标志 KEXIN - Guangdong Kexin Industrial Co.,Ltd
功能描述 Complementary Trench MOSFET

AO4613 Datasheet (PDF)

Go To PDF Page 下载 数据表
AO4613 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

部件名 AO4613
下载  AO4613 Click to download

文件大小   2200.4 Kbytes
  7 Pages
制造商  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
网页  http://www.kexin.com.cn/index.asp
标志 KEXIN - Guangdong Kexin Industrial Co.,Ltd
功能描述 Complementary Trench MOSFET

AO4613 数据表 (HTML) - Guangdong Kexin Industrial Co.,Ltd

AO4613 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO4613 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO4613 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO4613 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd AO4613 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd AO4613 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd AO4613 Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd

AO4613 产品详情

■ Features
● N-Channel :
   VDS (V) = 30V
   ID = 7.2 A (VGS = 10V)
   RDS(ON) < 24mΩ (VGS = 10V)
   RDS(ON) < 40mΩ (VGS = 4.5V)
● P-Channel :
   VDS (V) = -30V
   ID = -6.1 A (VGS = -10V)
   RDS(ON) < 37mΩ (VGS = -10V)
   RDS(ON) < 60mΩ (VGS = -4.5V)
● ESD Rating: 2KV HBM




类似零件编号 - AO4613

制造商部件名数据表功能描述
logo
Alpha & Omega Semicondu...
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
219Kb / 7P
   30V Dual P N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4613-HF KEXIN-AO4613-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
logo
Alpha & Omega Semicondu...
AO4613L AOSMD-AO4613L Datasheet
181Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613_10 Datasheet
219Kb / 7P
   30V Dual P N-Channel MOSFET
More results


类似说明 - AO4613

制造商部件名数据表功能描述
logo
Guangdong Kexin Industr...
AO4606 KEXIN-AO4606 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
SIA517DJ KEXIN-SIA517DJ Datasheet
3Mb / 10P
   Complementary Trench MOSFET
AO4618 KEXIN-AO4618 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO6601 KEXIN-AO6601 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO6602 KEXIN-AO6602 Datasheet
1Mb / 7P
   Complementary Trench MOSFET
AO4611 KEXIN-AO4611 Datasheet
1Mb / 7P
   Complementary Trench MOSFET
AO4613-HF KEXIN-AO4613-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
AO4614A KEXIN-AO4614A Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO4614B KEXIN-AO4614B Datasheet
1Mb / 7P
   Complementary Trench MOSFET
AO4616-HF KEXIN-AO4616-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com