数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

MC74LCX373DW 数据表 (PDF) - ON Semiconductor

MC74LCX373DW Datasheet PDF - ON Semiconductor
部件名 MC74LCX373DW
下载  MC74LCX373DW 下载

文件大小   158.26 Kbytes
  8 Pages
制造商  ONSEMI [ON Semiconductor]
网页  http://www.onsemi.com
标志 ONSEMI - ON Semiconductor
功能描述 LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH

MC74LCX373DW Datasheet (PDF)

Go To PDF Page 下载 数据表
MC74LCX373DW Datasheet PDF - ON Semiconductor

部件名 MC74LCX373DW
下载  MC74LCX373DW Click to download

文件大小   158.26 Kbytes
  8 Pages
制造商  ONSEMI [ON Semiconductor]
网页  http://www.onsemi.com
标志 ONSEMI - ON Semiconductor
功能描述 LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH

MC74LCX373DW 数据表 (HTML) - ON Semiconductor

MC74LCX373DW Datasheet HTML 1Page - ON Semiconductor MC74LCX373DW Datasheet HTML 2Page - ON Semiconductor MC74LCX373DW Datasheet HTML 3Page - ON Semiconductor MC74LCX373DW Datasheet HTML 4Page - ON Semiconductor MC74LCX373DW Datasheet HTML 5Page - ON Semiconductor MC74LCX373DW Datasheet HTML 6Page - ON Semiconductor MC74LCX373DW Datasheet HTML 7Page - ON Semiconductor MC74LCX373DW Datasheet HTML 8Page - ON Semiconductor

MC74LCX373DW 产品详情

Low-Voltage CMOS Octal Transparent Latch
With 5 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
   
The MC74LCX373 is a high performance, non-inverting octal transparent latch operating from a 2.3 to 3.6 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5 V allows MC74LCX373 inputs to be safely driven from 5 V devices.
   
Features
• Designed for 2.3 to 3.6 V VCC Operation
• 5 V Tolerant - Interface Capability With 5 V TTL Logic
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0 V
• LVTTL Compatible
• LVCMOS Compatible
• 24 mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current in all Three Logic States (10 A)
    Substantially Reduces System Power Requirements
• Latchup Performance Exceeds 500 mA
• ESD Performance: Human Body Model >2000 V
                                 Machine Model >200 V
• Pb-Free Packages are Available*
   




类似零件编号 - MC74LCX373DW

制造商部件名数据表功能描述
logo
Motorola, Inc
MC74LCX373DW MOTOROLA-MC74LCX373DW Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373DWR2 ONSEMI-MC74LCX373DWR2 Datasheet
120Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
November, 2007 - Rev. 8
MC74LCX373DWR2G ONSEMI-MC74LCX373DWR2G Datasheet
120Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
November, 2007 - Rev. 8
MC74LCX373DWR2G ONSEMI-MC74LCX373DWR2G Datasheet
137Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
January, 2013 ??Rev. 12
More results


类似说明 - MC74LCX373DW

制造商部件名数据表功能描述
logo
Motorola, Inc
MC74LVQ373 MOTOROLA-MC74LVQ373 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX373 MOTOROLA-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX573 ONSEMI-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 3
logo
Motorola, Inc
MC74LVQ573 MOTOROLA-MC74LVQ573 Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX573 MOTOROLA-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373_07 Datasheet
120Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
November, 2007 - Rev. 8
MC74LCX373 ONSEMI-MC74LCX373_13 Datasheet
137Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
January, 2013 ??Rev. 12
74LVT573 ONSEMI-74LVT573 Datasheet
342Kb / 13P
   Low Voltage Octal Transparent Latch
January 2008 Rev. 1.7.0
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
logo
Renesas Technology Corp
IDT74FCT3573 RENESAS-IDT74FCT3573 Datasheet
240Kb / 8P
   3.3V CMOS OCTAL TRANSPARENT LATCH
OCTOBER 2009
More results




关于 ON Semiconductor


“安森美半导体 家公开交易的公司,该公司设计,开发和生产各种半导体产品,用于各种应用,包括汽车,计算,消费品,工业和通信市场。
该公司成立于1999年,总部位于亚利桑那州凤凰城。
在半导体上,提供了广泛的电力管理,模拟和离散半导体的组合,包括电源MOSFET,二极管,整流器,电压调节器等。
该公司的产品旨在具有节能,可靠和成本效益,并用于多种应用,包括便携式电子产品,工业自动化系统,可再生能源系统和汽车电子产品。
在半导体上,致力于创新和客户满意度,并致力于提供最佳的半导体解决方案,以满足客户的需求。”

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com