数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

AO3401 数据表 (PDF) - VBsemi Electronics Co.,Ltd

AO3401 Datasheet PDF - VBsemi Electronics Co.,Ltd
部件名 AO3401
下载  AO3401 下载

文件大小   1047.66 Kbytes
  9 Pages
制造商  VBSEMI [VBsemi Electronics Co.,Ltd]
网页  www.VBsemi.com
标志 VBSEMI - VBsemi Electronics Co.,Ltd
功能描述 P-Channel 30 V (D-S) MOSFET

AO3401 Datasheet (PDF)

Go To PDF Page 下载 数据表
AO3401 Datasheet PDF - VBsemi Electronics Co.,Ltd

部件名 AO3401
下载  AO3401 Click to download

文件大小   1047.66 Kbytes
  9 Pages
制造商  VBSEMI [VBsemi Electronics Co.,Ltd]
网页  www.VBsemi.com
标志 VBSEMI - VBsemi Electronics Co.,Ltd
功能描述 P-Channel 30 V (D-S) MOSFET

AO3401 数据表 (HTML) - VBsemi Electronics Co.,Ltd

AO3401 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AO3401 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AO3401 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AO3401 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AO3401 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AO3401 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AO3401 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AO3401 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd AO3401 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd

AO3401 产品详情

FEATURES
• TrenchFET® Power MOSFET
• 100 % Rg Tested

APPLICATIONS
• For Mobile Computing
   - Load Switch
   - Notebook Adaptor Switch
   - DC/DC Converter




类似零件编号 - AO3401

制造商部件名数据表功能描述
logo
Alpha & Omega Semicondu...
AO3401 AOSMD-AO3401 Datasheet
181Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Shenzhen Jin Yu Semicon...
AO3401 HTSEMI-AO3401 Datasheet
1Mb / 3P
   30V P-Channel Enhancement Mode MOSFET
logo
Alpha & Omega Semicondu...
AO3401 AOSMD-AO3401 Datasheet
503Kb / 5P
   30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO3401 KEXIN-AO3401 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
Kersemi Electronic Co.,...
AO3401 KERSEMI-AO3401 Datasheet
733Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results


类似说明 - AO3401

制造商部件名数据表功能描述
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com