数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

AO4442 数据表 (PDF) - VBsemi Electronics Co.,Ltd

AO4442 Datasheet PDF - VBsemi Electronics Co.,Ltd
部件名 AO4442
下载  AO4442 下载

文件大小   1993.65 Kbytes
  9 Pages
制造商  VBSEMI [VBsemi Electronics Co.,Ltd]
网页  www.VBsemi.com
标志 VBSEMI - VBsemi Electronics Co.,Ltd
功能描述 N-Channel 100 V (D-S) MOSFET

AO4442 Datasheet (PDF)

Go To PDF Page 下载 数据表
AO4442 Datasheet PDF - VBsemi Electronics Co.,Ltd

部件名 AO4442
下载  AO4442 Click to download

文件大小   1993.65 Kbytes
  9 Pages
制造商  VBSEMI [VBsemi Electronics Co.,Ltd]
网页  www.VBsemi.com
标志 VBSEMI - VBsemi Electronics Co.,Ltd
功能描述 N-Channel 100 V (D-S) MOSFET

AO4442 数据表 (HTML) - VBsemi Electronics Co.,Ltd

AO4442 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AO4442 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AO4442 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AO4442 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AO4442 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AO4442 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AO4442 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AO4442 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd AO4442 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd

AO4442 产品详情

FEATURES
• TrenchFET® Power MOSFET
• 100 % UIS Tested

APPLICATIONS
• High Frequency Boost Converter
• LED Backlight for LCD TV




类似零件编号 - AO4442

制造商部件名数据表功能描述
logo
Alpha & Omega Semicondu...
AO4442 AOSMD-AO4442 Datasheet
225Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
AO4442 AOSMD-AO4442 Datasheet
252Kb / 5P
   75V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4442 KEXIN-AO4442 Datasheet
1Mb / 4P
   N-Channel MOSFET
AO4442-HF KEXIN-AO4442-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4442L AOSMD-AO4442L Datasheet
225Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


类似说明 - AO4442

制造商部件名数据表功能描述
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com