数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

AMMC-6222 数据表 (PDF) - Broadcom Corporation.

AMMC-6222 Datasheet PDF - Broadcom Corporation.
部件名 AMMC-6222
下载  AMMC-6222 下载

文件大小   1566.78 Kbytes
  12 Pages
制造商  BOARDCOM [Broadcom Corporation.]
网页  http://www.broadcom.com
标志 BOARDCOM - Broadcom Corporation.
功能描述 7 to 21 GHz GaAs High Linearity Low Noise Amplifier

AMMC-6222 Datasheet (PDF)

Go To PDF Page 下载 数据表
AMMC-6222 Datasheet PDF - Broadcom Corporation.

部件名 AMMC-6222
下载  AMMC-6222 Click to download

文件大小   1566.78 Kbytes
  12 Pages
制造商  BOARDCOM [Broadcom Corporation.]
网页  http://www.broadcom.com
标志 BOARDCOM - Broadcom Corporation.
功能描述 7 to 21 GHz GaAs High Linearity Low Noise Amplifier

AMMC-6222 数据表 (HTML) - Broadcom Corporation.

Back Button AMMC-6222 Datasheet HTML 1Page - Broadcom Corporation. AMMC-6222 Datasheet HTML 2Page - Broadcom Corporation. AMMC-6222 Datasheet HTML 3Page - Broadcom Corporation. AMMC-6222 Datasheet HTML 4Page - Broadcom Corporation. AMMC-6222 Datasheet HTML 5Page - Broadcom Corporation. AMMC-6222 Datasheet HTML 6Page - Broadcom Corporation. AMMC-6222 Datasheet HTML 7Page - Broadcom Corporation. AMMC-6222 Datasheet HTML 8Page - Broadcom Corporation. AMMC-6222 Datasheet HTML 9Page - Broadcom Corporation. AMMC-6222 Datasheet HTML 10Page - Broadcom Corporation. Next Button 



类似零件编号 - AMMC-6222

制造商部件名数据表功能描述
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6222 AVAGO-AMMC-6222 Datasheet
1Mb / 12P
   7 to 21 GHz GaAs High Linearity Low Noise Amplifier
AMMC-6222 AVAGO-AMMC-6222_15 Datasheet
1Mb / 2P
   7 to 21 GHz GaAs High Linearity Low Noise Amplifier
More results


类似说明 - AMMC-6222

制造商部件名数据表功能描述
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6222 AVAGO-AMMC-6222 Datasheet
1Mb / 12P
   7 to 21 GHz GaAs High Linearity Low Noise Amplifier
AMMC-6222 AVAGO-AMMC-6222_15 Datasheet
1Mb / 2P
   7 to 21 GHz GaAs High Linearity Low Noise Amplifier
AMMC-6232 AVAGO-AMMC-6232 Datasheet
1Mb / 8P
   18 to 32 GHz GaAs High Linearity Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6232 BOARDCOM-AMMC-6232 Datasheet
1Mb / 8P
   18 to 32 GHz GaAs High Linearity Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6222 AVAGO-AMMP-6222 Datasheet
606Kb / 12P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
AMMP-6222 AVAGO-AMMP-6222_15 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
logo
Broadcom Corporation.
AMMP-6222 BOARDCOM-AMMP-6222 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
logo
Alpha Industries
AA022N1-00 ALPHA-AA022N1-00 Datasheet
118Kb / 2P
   21-24 GHz GaAs MMIC Low Noise Amplifier
logo
Qorvo, Inc
QPA2609 QORVO-QPA2609 Datasheet
1Mb / 17P
   7 ??14 GHz GaAs Low Noise Amplifier
logo
Analog Devices
ADL8104 AD-ADL8104 Datasheet
617Kb / 23P
   Wideband, High Linearity, Low Noise Amplifier, 0.4 GHz to 7.5 GHz
More results




关于 Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com