数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

AO4914A 数据表 (PDF) - Alpha & Omega Semiconductors

AO4914A Datasheet PDF - Alpha & Omega Semiconductors
部件名 AO4914A
下载  AO4914A 下载

文件大小   184.91 Kbytes
  8 Pages
制造商  AOSMD [Alpha & Omega Semiconductors]
网页  http://www.aosmd.com
标志 AOSMD - Alpha & Omega Semiconductors
功能描述 Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

AO4914A Datasheet (PDF)

Go To PDF Page 下载 数据表
AO4914A Datasheet PDF - Alpha & Omega Semiconductors

部件名 AO4914A
下载  AO4914A Click to download

文件大小   184.91 Kbytes
  8 Pages
制造商  AOSMD [Alpha & Omega Semiconductors]
网页  http://www.aosmd.com
标志 AOSMD - Alpha & Omega Semiconductors
功能描述 Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

AO4914A 数据表 (HTML) - Alpha & Omega Semiconductors

AO4914A Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4914A Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4914A Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4914A Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4914A Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4914A Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4914A Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4914A Datasheet HTML 8Page - Alpha & Omega Semiconductors

AO4914A 产品详情

General Description
The AO4914A uses advanced trench technology to provide excellent R DS(ON) and low gate charge. The two MOSFETs make a compact and efficient switch and synchronous rectifier combination for use in DC-DC converters. A Schottky diode is co-packaged in parallel with the synchronous MOSFET to boost efficiency further Standard product AO4914A is Pb-free (meets ROHS & Sony 259 specifications). AO4914AL is a Green Product ordering option. AO4914A and AO4914AL are electrically identical.

Features
   Q1                                        Q2
   VDS (V) = 30V                       VDS(V) = 30V
   ID = 8.5A (VGS = 10V)           ID = 8.5A (VGS = 10V)
   RDS(ON) < 18mΩ                  <18mΩ (VGS = 10V)
   RDS(ON) < 28mΩ                  <28mΩ (VGS = 4.5V)

SCHOTTKY
   VDS (V) = 30V, IF = 3A, VF<0.5V@1A




类似零件编号 - AO4914A

制造商部件名数据表功能描述
logo
Alpha & Omega Semicondu...
AO4914 AOSMD-AO4914 Datasheet
147Kb / 8P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4914 AOSMD-AO4914 Datasheet
655Kb / 9P
   30V Dual N-Channel MOSFET with Schottky Diode
logo
Guangdong Kexin Industr...
AO4914 KEXIN-AO4914 Datasheet
3Mb / 7P
   Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4914 AOSMD-AO4914_11 Datasheet
655Kb / 9P
   30V Dual N-Channel MOSFET with Schottky Diode
More results


类似说明 - AO4914A

制造商部件名数据表功能描述
logo
List of Unclassifed Man...
AO4916 ETC1-AO4916 Datasheet
547Kb / 7P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Alpha & Omega Semicondu...
AO4914 AOSMD-AO4914 Datasheet
147Kb / 8P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4904 AOSMD-AO4904 Datasheet
149Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
VBsemi Electronics Co.,...
VBA3316SA VBSEMI-VBA3316SA Datasheet
773Kb / 9P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Alpha & Omega Semicondu...
AO4900A AOSMD-AO4900A Datasheet
119Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4916A AOSMD-AO4916A Datasheet
189Kb / 8P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4906 AOSMD-AO4906 Datasheet
123Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results




关于 Alpha & Omega Semiconductors


Alpha&Omega半导体(AOS)是一家全球半导体公司,专门从事电力管理集成电路(ICS)的设计和制造。
该公司成立于1995年,其总部位于加利福尼亚州圣何塞。
AO为消费电子,计算,电信和工业系统等方面的应用提供了广泛的电力管理解决方案。
该公司以其尖端的技术和创新产品而闻名,并且在半导体行业享有很高的声誉。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com