数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

QL8X12B-CG144M883C 数据表 (PDF) - List of Unclassifed Manufacturers

QL8X12B-CG144M883C Datasheet PDF - List of Unclassifed Manufacturers
部件名 QL8X12B-CG144M883C
下载  QL8X12B-CG144M883C 下载

文件大小   333.93 Kbytes
  16 Pages
制造商  ETC1 [List of Unclassifed Manufacturers]
网页  
标志 ETC1 - List of Unclassifed Manufacturers
功能描述 Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA

QL8X12B-CG144M883C Datasheet (PDF)

Go To PDF Page 下载 数据表
QL8X12B-CG144M883C Datasheet PDF - List of Unclassifed Manufacturers

部件名 QL8X12B-CG144M883C
下载  QL8X12B-CG144M883C Click to download

文件大小   333.93 Kbytes
  16 Pages
制造商  ETC1 [List of Unclassifed Manufacturers]
网页  
标志 ETC1 - List of Unclassifed Manufacturers
功能描述 Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA

QL8X12B-CG144M883C 数据表 (HTML) - List of Unclassifed Manufacturers

Back Button QL8X12B-CG144M883C Datasheet HTML 1Page - List of Unclassifed Manufacturers QL8X12B-CG144M883C Datasheet HTML 2Page - List of Unclassifed Manufacturers QL8X12B-CG144M883C Datasheet HTML 3Page - List of Unclassifed Manufacturers QL8X12B-CG144M883C Datasheet HTML 4Page - List of Unclassifed Manufacturers QL8X12B-CG144M883C Datasheet HTML 5Page - List of Unclassifed Manufacturers QL8X12B-CG144M883C Datasheet HTML 6Page - List of Unclassifed Manufacturers QL8X12B-CG144M883C Datasheet HTML 7Page - List of Unclassifed Manufacturers QL8X12B-CG144M883C Datasheet HTML 8Page - List of Unclassifed Manufacturers QL8X12B-CG144M883C Datasheet HTML 9Page - List of Unclassifed Manufacturers QL8X12B-CG144M883C Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

QL8X12B-CG144M883C 产品详情

[QuickLogic]

PRODUCT SUMMARY
The pASIC 1 Family is a very-high-speed CMOS user-programmable ASIC devices. The 768 logic cell field-programmable gate array (FPGA) features 22,000 usable PLD gates of high-performance general-purpose logic in a 208-pin PQFP and CQFP package.

DEVICE HIGHLIGHTS
Very High Speed
■ ViaLink“ metal-to-metal programmable technology, allows counter speeds over 150 MHz and logic cell delays of under 2 ns at 5V, and over 80 MHz at 3.3V operation.

High Usable Density
■ Up to a 24-by-32 array of 768 logic cells provides 22,000 usable PLD gates in 208-pin PQFP and 208-pin CQFP packages.

PCI-Output Drive
■ Fully PCI 2.1 compliant input/output capability. (including drive current)

FEATURES
■ Total of 180 I/O pins
   ■ -172 Bidirectional Input/Output pins
   ■ -6 Dedicated Input/High-Drive pins
   ■ -2 Clock/Dedicated input pins with fanoutindependent, low-skew clock networks
   ■ -PCI 2.1 Compliant I/Os
■ Input + logic cell + output delays under 6 ns
■ Chip-to-chip operating frequencies up to 110 MHz
■ Internal state machine frequencies up to 150 MHz
■ Clock skew < 0.5 ns
■ Input hysteresis provides high noise immunity
■ Built-in scan path permits 100% factory testing of logic and I/O cells and functional testing with Automatic Test Vector Generation (ATVG) software after programming
■ 208 pin PQFP pin for pin compatible with the 208 CQFP
■ 0.65µ CMOS process with ViaLink programming technology




类似零件编号 - QL8X12B-CG144M883C

制造商部件名数据表功能描述
logo
List of Unclassifed Man...
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL8050 ETC-QL8050 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL8150 ETC-QL8150 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL8250 ETC-QL8250 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL82SD ETC1-QL82SD Datasheet
3Mb / 60P
   10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
More results


类似说明 - QL8X12B-CG144M883C

制造商部件名数据表功能描述
logo
List of Unclassifed Man...
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
   3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
Xilinx, Inc
XC3100A XILINX-XC3100A Datasheet
66Kb / 8P
   Ultra-high-speed FPGA family with six members
logo
Silicon Supplies
54VHC373 SS-54VHC373 Datasheet
917Kb / 7P
   Very High Speed CMOS Logic
74VHC373 SS-74VHC373 Datasheet
916Kb / 7P
   Very High Speed CMOS Logic
logo
Altera Corporation
EP1SGX10C ALTERA-EP1SGX10C Datasheet
1Mb / 262P
   StratixGX FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com