数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

AON5800 数据表 (PDF) - Alpha & Omega Semiconductors

AON5800 Datasheet PDF - Alpha & Omega Semiconductors
部件名 AON5800
下载  AON5800 下载

文件大小   132.4 Kbytes
  4 Pages
制造商  AOSMD [Alpha & Omega Semiconductors]
网页  http://www.aosmd.com
标志 AOSMD - Alpha & Omega Semiconductors
功能描述 Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor

AON5800 Datasheet (PDF)

Go To PDF Page 下载 数据表
AON5800 Datasheet PDF - Alpha & Omega Semiconductors

部件名 AON5800
下载  AON5800 Click to download

文件大小   132.4 Kbytes
  4 Pages
制造商  AOSMD [Alpha & Omega Semiconductors]
网页  http://www.aosmd.com
标志 AOSMD - Alpha & Omega Semiconductors
功能描述 Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor

AON5800 数据表 (HTML) - Alpha & Omega Semiconductors

AON5800 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON5800 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON5800 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON5800 Datasheet HTML 4Page - Alpha & Omega Semiconductors

AON5800 产品详情

General Description
The AON5800 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 1.8V while retaining a 12V VGS(MAX) rating. It is ESD protected. This device is suitable for use as a uni-directional or bi-directional load switch, facilitated by its common-drain configuration. Standard Product AON5800 is Pb-free (meets ROHS & Sony 259 specifications). AON5800L is a Green Product ordering option. AON5800 and AON5800L are electrically identical.

Features
   VDS (V) = 20V
   ID = 8 A (VGS = 10V)
   RDS(ON) < 16 mΩ (VGS = 10V)
   RDS(ON) < 20 mΩ (VGS = 4.5V)
   RDS(ON) < 21 mΩ (VGS = 4.0V)
   RDS(ON) < 22 mΩ (VGS = 3.1V)
   RDS(ON) < 27 mΩ (VGS = 2.5V)
   RDS(ON) < 45 mΩ (VGS = 1.8V)
   ESD Rating: 2000V HBM




类似零件编号 - AON5800

制造商部件名数据表功能描述
logo
Alpha & Omega Semicondu...
AON5802 AOSMD-AON5802 Datasheet
3Mb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON5802A AOSMD-AON5802A Datasheet
126Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON5802B AOSMD-AON5802B Datasheet
435Kb / 5P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON5802 AOSMD-AON5802_07 Datasheet
126Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results


类似说明 - AON5800

制造商部件名数据表功能描述
logo
Alpha & Omega Semicondu...
AO8830 AOSMD-AO8830 Datasheet
121Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8814 AOSMD-AO8814 Datasheet
119Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha Industries
AO8800 ALPHA-AO8800 Datasheet
226Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8816 AOSMD-AO8816 Datasheet
111Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON3812 AOSMD-AON3812 Datasheet
123Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KO8822 KEXIN-KO8822 Datasheet
138Kb / 2P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
SI8822 KEXIN-SI8822 Datasheet
158Kb / 2P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8804 AOSMD-AO8804 Datasheet
379Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO8802 ETC-AO8802 Datasheet
353Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results




关于 Alpha & Omega Semiconductors


Alpha&Omega半导体(AOS)是一家全球半导体公司,专门从事电力管理集成电路(ICS)的设计和制造。
该公司成立于1995年,其总部位于加利福尼亚州圣何塞。
AO为消费电子,计算,电信和工业系统等方面的应用提供了广泛的电力管理解决方案。
该公司以其尖端的技术和创新产品而闻名,并且在半导体行业享有很高的声誉。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com