数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

AT28C64-12TI 数据表 (PDF) - ATMEL Corporation

AT28C64-12TI Datasheet PDF - ATMEL Corporation
部件名 AT28C64-12TI
下载  AT28C64-12TI 下载

文件大小   324.7 Kbytes
  11 Pages
制造商  ATMEL [ATMEL Corporation]
网页  http://www.atmel.com
标志 ATMEL - ATMEL Corporation
功能描述 64K (8K x 8) CMOS E2PROM

AT28C64-12TI Datasheet (PDF)

Go To PDF Page 下载 数据表
AT28C64-12TI Datasheet PDF - ATMEL Corporation

部件名 AT28C64-12TI
下载  AT28C64-12TI Click to download

文件大小   324.7 Kbytes
  11 Pages
制造商  ATMEL [ATMEL Corporation]
网页  http://www.atmel.com
标志 ATMEL - ATMEL Corporation
功能描述 64K (8K x 8) CMOS E2PROM

AT28C64-12TI 数据表 (HTML) - ATMEL Corporation

Back Button AT28C64-12TI Datasheet HTML 1Page - ATMEL Corporation AT28C64-12TI Datasheet HTML 2Page - ATMEL Corporation AT28C64-12TI Datasheet HTML 3Page - ATMEL Corporation AT28C64-12TI Datasheet HTML 4Page - ATMEL Corporation AT28C64-12TI Datasheet HTML 5Page - ATMEL Corporation AT28C64-12TI Datasheet HTML 6Page - ATMEL Corporation AT28C64-12TI Datasheet HTML 7Page - ATMEL Corporation AT28C64-12TI Datasheet HTML 8Page - ATMEL Corporation AT28C64-12TI Datasheet HTML 9Page - ATMEL Corporation AT28C64-12TI Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT28C64-12TI 产品详情

Description
The AT28C64 is a low-power, high-performance 8,192 words by 8-bit nonvolatile electrically erasable and programmable read only memory with popular, easy-to-use features. The device is manufactured with Atmel’s reliable nonvolatile technology.

Features
• Fast Read Access Time – 120 ns
• Fast Byte Write – 200 µs or 1 ms
• Self-timed Byte Write Cycle
   – Internal Address and Data Latches
   – Internal Control Timer
   – Automatic Clear Before Write
• Direct Microprocessor Control
   – READY/BUSY Open Drain Output
   – DATA Polling
• Low Power
   – 30 mA Active Current
   – 100 µA CMOS Standby Current
• High Reliability
   – Endurance: 104 or 105 Cycles
   – Data Retention: 10 Years
• 5V ± 10% Supply
• CMOS and TTL Compatible Inputs and Outputs
• JEDEC Approved Byte-wide Pinout
• Commercial and Industrial Temperature Ranges




类似零件编号 - AT28C64-12TI

制造商部件名数据表功能描述
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B-15 ATMEL-AT28C64B-15 Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
More results


类似说明 - AT28C64-12TI

制造商部件名数据表功能描述
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64 Datasheet
410Kb / 8P
   64K 8K x 8 Battery-Voltage CMOS E2PROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
Sharp Corporation
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
More results




关于 ATMEL Corporation


Atmel Corporation是一家美国半导体公司,成立于1984年。
该公司是微控制器,触摸解决方案和其他半导体产品的领先提供商,用于消费者,工业和汽车市场的各种应用。
ATMEL的产品以其小型外形,低功耗和高性能而闻名。
2016年,ATMEL由微控制器和模拟半导体的领先提供商Microchip Technology Inc.收购。
作为Microchip产品组合的一部分,Atmel品牌和技术继续开发和出售。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com