数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

MAX5059EUI 数据表 (PDF) - Maxim Integrated Products

MAX5059EUI Datasheet PDF - Maxim Integrated Products
部件名 MAX5059EUI
下载  MAX5059EUI 下载

文件大小   460.5 Kbytes
  25 Pages
制造商  MAXIM [Maxim Integrated Products]
网页  https://www.maximintegrated.com/en.html
标志 MAXIM - Maxim Integrated Products
功能描述 Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs

MAX5059EUI Datasheet (PDF)

Go To PDF Page 下载 数据表
MAX5059EUI Datasheet PDF - Maxim Integrated Products

部件名 MAX5059EUI
下载  MAX5059EUI Click to download

文件大小   460.5 Kbytes
  25 Pages
制造商  MAXIM [Maxim Integrated Products]
网页  https://www.maximintegrated.com/en.html
标志 MAXIM - Maxim Integrated Products
功能描述 Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs

MAX5059EUI 数据表 (HTML) - Maxim Integrated Products

Back Button MAX5059EUI Datasheet HTML 1Page - Maxim Integrated Products MAX5059EUI Datasheet HTML 2Page - Maxim Integrated Products MAX5059EUI Datasheet HTML 3Page - Maxim Integrated Products MAX5059EUI Datasheet HTML 4Page - Maxim Integrated Products MAX5059EUI Datasheet HTML 5Page - Maxim Integrated Products MAX5059EUI Datasheet HTML 6Page - Maxim Integrated Products MAX5059EUI Datasheet HTML 7Page - Maxim Integrated Products MAX5059EUI Datasheet HTML 8Page - Maxim Integrated Products MAX5059EUI Datasheet HTML 9Page - Maxim Integrated Products MAX5059EUI Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX5059EUI 产品详情

General Description
The MAX5058/MAX5059 enable secondary-side synchronous rectification in isolated power supplies using widely available power MOSFETs. These devices facilitate the commutation of the secondary-side MOSFETs by providing a clean gate-drive signal that is synchronized to the power MOSFET switching in the primary side of the isolation transformer.

Features
♦ Clean Drive Waveforms for Synchronous
   MOSFETs
♦ Utilization of a Look-Ahead Signal from the
   Primary for Proper Turn-On/Turn-Off Times
♦ Synchronous Rectifier Drivers Capable of
   Sourcing and Sinking Up to 2A Peak Current
♦ Internal Gate-Voltage Regulator for 5V (MAX5058)
   or 10V (MAX5059) Gate-Drive Voltage
♦ Internal Error Amplifier
♦ Accurate Differential Current-Share/Force Circuit
   Allows Paralleling of Several Power Supplies for
   High Output Current
♦ Internal Remote Voltage-Sense Amplifier
♦ Flexible Reference-Voltage Generation
♦ Output Voltage Regulation Down to 0.5V
♦ Low Quiescent Current Consumption of 2.5mA
♦ Integrated Digital Output Margining Circuit Saves
   External Parts and Board Space
♦ 30ns Propagation Delay Time from Pulse Input
   to Output
♦ Automatic Detection of Discontinuous Current
   Conduction and Turn-Off of the Freewheeling
   MOSFET
♦ High Efficiency at Low Output Currents and
   Reverse-Current Protection
♦ Open-Drain Overtemperature Warning Flag
♦ 28-Pin Thermally Enhanced TSSOP Package

Applications
   Isolated Telecom Power Supplies
   Isolated Networking Power Supplies
   ±48V Power-Supply Modules
   Industrial Power Supplies
   ±48V/±12V Server Power Supplies




类似零件编号 - MAX5059EUI

制造商部件名数据表功能描述
logo
Maxim Integrated Produc...
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
MAX5051 MAXIM-MAX5051 Datasheet
568Kb / 21P
   Parallelable, Clamped Two-Switch Power-Supply Controller IC
Rev 0; 8/03
MAX5051 MAXIM-MAX5051 Datasheet
835Kb / 11P
   fully assembled and tested circuit board
Rev 0; 6/04
MAX5051 MAXIM-MAX5051 Datasheet
363Kb / 11P
   fully assembled and tested circuit board
Rev 0; 9/03
MAX5051AUI MAXIM-MAX5051AUI Datasheet
568Kb / 21P
   Parallelable, Clamped Two-Switch Power-Supply Controller IC
Rev 0; 8/03
More results


类似说明 - MAX5059EUI

制造商部件名数据表功能描述
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
   Secondary Side Synchronous Rectifier Controller
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
ON Semiconductor
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
NCP4302 ONSEMI-NCP4302 Datasheet
150Kb / 16P
   Secondary Side Synchronous Flyback Controller
February, 2008 - Rev. 2
logo
Linear Technology
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
   Secondary-Side Synchronous Forward Controller
More results




关于 Maxim Integrated Products


Maxim Integrated Products是一家公开交易的公司,设计,开发和出售各种高性能模拟和混合信号综合电路(ICS)。
该公司成立于1983年,总部位于加利福尼亚州圣何塞。
Maxim集成产品为各种市场的客户提供服务,包括通信,计算,消费者,工业,医疗和汽车。
该公司提供了全面的产品组合,包括数据转换器,放大器和比较器,电源管理IC,微控制器,安全和保护设备以及传感器等。
Maxim Integrated产品致力于创新和客户满意度,并致力于为其客户提供高质量的可靠解决方案。
侧重于能源效率和可持续性,Maxim集成产品处于半导体行业的最前沿,推动了模拟和混合信号IC领域的技术进步。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com