数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

GI500 数据表 (PDF) - Galaxy Semi-Conductor Holdings Limited

GI500 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
部件名 GI500
下载  GI500 下载

文件大小   55.02 Kbytes
  2 Pages
制造商  BILIN [Galaxy Semi-Conductor Holdings Limited]
网页  http://www.galaxycn.com
标志 BILIN - Galaxy Semi-Conductor Holdings Limited
功能描述 PLASTIC SILICON RECTIFIER

GI500 Datasheet (PDF)

Go To PDF Page 下载 数据表
GI500 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

部件名 GI500
下载  GI500 Click to download

文件大小   55.02 Kbytes
  2 Pages
制造商  BILIN [Galaxy Semi-Conductor Holdings Limited]
网页  http://www.galaxycn.com
标志 BILIN - Galaxy Semi-Conductor Holdings Limited
功能描述 PLASTIC SILICON RECTIFIER

GI500 数据表 (HTML) - Galaxy Semi-Conductor Holdings Limited

GI500 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited GI500 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited

GI500 产品详情

VOLTAGE RANGE: 50 --- 1000 V

CURRENT: 3.0 A



FEATURES

◇ Low cost

◇ Low leakage

◇ Low forward voltage drop

◇ High current capability

◇ Diffused junction

◇ Easily cleaned witn Freon,Alcohol,lsopropanol and similar solvents

◇ The plastic material carries U/L recognition 94V-0



 




类似零件编号 - GI500

制造商部件名数据表功能描述
logo
General Semiconductor
GI500 GE-GI500 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
GI500 VISHAY-GI500 Datasheet
71Kb / 4P
   General Purpose Plastic Rectifier
Revision: 28-Oct-09
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
GI500 VISHAY-GI500 Datasheet
74Kb / 4P
   General Purpose Plastic Rectifier
Revision: 01-Aug-13
logo
Diode Semiconductor Kor...
GI500 DSK-GI500 Datasheet
270Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


类似说明 - GI500

制造商部件名数据表功能描述
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com