数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

FS70UMJ-2 数据表 (PDF) - Renesas Technology Corp

FS70UMJ-2 Datasheet PDF - Renesas Technology Corp
部件名 FS70UMJ-2
下载  FS70UMJ-2 下载

文件大小   171.88 Kbytes
  7 Pages
制造商  RENESAS [Renesas Technology Corp]
网页  http://www.renesas.com
标志 RENESAS - Renesas Technology Corp
功能描述 High-Speed Switching Use Nch Power MOS FET

FS70UMJ-2 Datasheet (PDF)

Go To PDF Page 下载 数据表
FS70UMJ-2 Datasheet PDF - Renesas Technology Corp

部件名 FS70UMJ-2
下载  FS70UMJ-2 Click to download

文件大小   171.88 Kbytes
  7 Pages
制造商  RENESAS [Renesas Technology Corp]
网页  http://www.renesas.com
标志 RENESAS - Renesas Technology Corp
功能描述 High-Speed Switching Use Nch Power MOS FET

FS70UMJ-2 数据表 (HTML) - Renesas Technology Corp

FS70UMJ-2 Datasheet HTML 1Page - Renesas Technology Corp FS70UMJ-2 Datasheet HTML 2Page - Renesas Technology Corp FS70UMJ-2 Datasheet HTML 3Page - Renesas Technology Corp FS70UMJ-2 Datasheet HTML 4Page - Renesas Technology Corp FS70UMJ-2 Datasheet HTML 5Page - Renesas Technology Corp FS70UMJ-2 Datasheet HTML 6Page - Renesas Technology Corp FS70UMJ-2 Datasheet HTML 7Page - Renesas Technology Corp

FS70UMJ-2 产品详情

Features
• Drive voltage : 4 V
• VDSS : 100 V
• rDS(ON) (max) : 17 mΩ
• ID : 70 A
• Integrated Fast Recovery Diode (TYP.) : 115 ns

Applications
   Motor control, Lamp control, Solenoid control, DC-DC converters, etc.




类似零件编号 - FS70UMJ-2

制造商部件名数据表功能描述
logo
Mitsubishi Electric Sem...
FS70UMJ-2 MITSUBISHI-FS70UMJ-2 Datasheet
40Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FS70UMJ-2 POWEREX-FS70UMJ-2 Datasheet
46Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FS70UMJ-2 ISC-FS70UMJ-2 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results


类似说明 - FS70UMJ-2

制造商部件名数据表功能描述
logo
Renesas Technology Corp
FS70KM-2 RENESAS-FS70KM-2 Datasheet
172Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS70KMJ-03F RENESAS-FS70KMJ-03F Datasheet
105Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS70VSJ-06F RENESAS-FS70VSJ-06F Datasheet
103Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS10ASJ-3 RENESAS-FS10ASJ-3 Datasheet
171Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS7VS-12A RENESAS-FS7VS-12A Datasheet
207Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS5ASJ-06F RENESAS-FS5ASJ-06F_15 Datasheet
124Kb / 9P
   High-Speed Switching Use Nch Power MOS FET
RJK4007DPP RENESAS-RJK4007DPP Datasheet
67Kb / 4P
   Nch Power MOS FET High-Speed Switching Use
FS50UMJ-3 RENESAS-FS50UMJ-3 Datasheet
172Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS70SM-06 RENESAS-FS70SM-06 Datasheet
174Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS5AS-2 RENESAS-FS5AS-2 Datasheet
197Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS10VS-9A RENESAS-FS10VS-9A Datasheet
206Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
More results




关于 Renesas Technology Corp


Renesas Technology Corp是一家日本半导体公司,可为汽车,工业和消费者市场中的各种应用提供广泛的微控制器,芯片以及模拟和电源设备。
该公司于2010年通过NEC Electronics Corporation and Renesas Technology Corporation合并成立。
Renesas是世界上最大的微控制器供应商之一,并以其在物联网(IoT),人工智能(AI)和汽车电子产品等领域的高级技术开发方面的专业知识而闻名。
该公司在20多个国家 /地区开展业务,其产品用于广泛的应用。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com