数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

YNC10S20A-D 数据表 (PDF) - Power-One

YNC10S20A-D Datasheet PDF - Power-One
部件名 YNC10S20A-D
下载  YNC10S20A-D 下载

文件大小   416.6 Kbytes
  28 Pages
制造商  POWER-ONE [Power-One]
网页  http://www.power-one.com
标志 POWER-ONE - Power-One
功能描述 9.6-14 VDC Input; 0.7525-5.5 VDC Programmable 20 A

YNC10S20A-D Datasheet (PDF)

Go To PDF Page 下载 数据表
YNC10S20A-D Datasheet PDF - Power-One

部件名 YNC10S20A-D
下载  YNC10S20A-D Click to download

文件大小   416.6 Kbytes
  28 Pages
制造商  POWER-ONE [Power-One]
网页  http://www.power-one.com
标志 POWER-ONE - Power-One
功能描述 9.6-14 VDC Input; 0.7525-5.5 VDC Programmable 20 A

YNC10S20A-D 数据表 (HTML) - Power-One

Back Button YNC10S20A-D Datasheet HTML 1Page - Power-One YNC10S20A-D Datasheet HTML 2Page - Power-One YNC10S20A-D Datasheet HTML 3Page - Power-One YNC10S20A-D Datasheet HTML 4Page - Power-One YNC10S20A-D Datasheet HTML 5Page - Power-One YNC10S20A-D Datasheet HTML 6Page - Power-One YNC10S20A-D Datasheet HTML 7Page - Power-One YNC10S20A-D Datasheet HTML 8Page - Power-One YNC10S20A-D Datasheet HTML 9Page - Power-One YNC10S20A-D Datasheet HTML 10Page - Power-One Next Button 

YNC10S20A-D 产品详情

Description

The YNC12S20 non-isolated DC-DC converter delivers up to 20 A of output current in an industry-standard surface-mount package. Operating from a 9.6 to 14 VDC input, the YNC12S20 converter is an ideal choice for Intermediate Bus Architectures where point-of-load power delivery is generally a requirement. It provides a resistor-programmable regulated output voltage of 0.7525V to 5.5V.



Features

• RoHS lead-free solder and lead-solder-exempted products are available

• Delivers up to 20 A (100 W)

• Extended input range 9.6 V – 14 V

• High efficiency (0.94 at 5 V output)

• Surface-mount package

• Industry-standard footprint and pinout

• Small size and low profile: 1.30” x 0.53” x 0.314” (33.02 x 13.46 x 7.98 mm)

• Weight: 0.22 oz [6.12 g]

• Coplanarity less than 0.003”, maximum

• Synchronous Buck Converter topology

• Source and sink capable

• Start-up into pre-biased output

• No minimum load required

• Programmable output voltage via external resistor

• Operating ambient temperature: -40 °C to 85 °C

• Remote output sense

• Remote ON/OFF (Positive or Negative)

• Fixed-frequency operation

• Auto-reset output overcurrent protection

• Auto-reset overtemperature protection

• High reliability, MTBF = TBD Million Hours

• All materials meet UL94, V-0 flammability rating

• UL 60950 recognition in U.S. & Canada, and DEMKO

certification per IEC/EN 60950



Applications

• Intermediate Bus Architectures

• Telecommunications

• Data communications

• Distributed Power Architectures

• Servers, workstations



Benefits

• High efficiency – no heat sink required

• Reduces total solution board area

• Tape and reel packing

• Compatible with pick & place equipment

• Minimizes part numbers in inventory



 




类似零件编号 - YNC10S20A-D

制造商部件名数据表功能描述
logo
Pericom Semiconductor C...
YNC500001 PERICOM-YNC500001 Datasheet
654Kb / 6P
   3.3V CMOS Ultra-Low Jitter Voltage Control VCXO
More results


类似说明 - YNC10S20A-D

制造商部件名数据表功能描述
logo
Bel Fuse Inc.
YS12S16 BEL-YS12S16 Datasheet
780Kb / 22P
   9.6-14 VDC Input; 0.7525-5.5 VDC Programmable @ 16A
logo
Power-One
YS12S16 POWER-ONE-YS12S16 Datasheet
267Kb / 5P
   YS12S16 DC-DC Converter Data Sheet 9.6-14 VDC Input; 0.7525-5.5 VDC Programmable @ 16A
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX Datasheet
407Kb / 26P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /20 A Output
SLAN-20D1AX BEL-SLAN-20D1AX Datasheet
1Mb / 26P
   3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /20 A Outputs
SLIN-20E1AX BEL-SLIN-20E1AX Datasheet
463Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /20 A Outputs
YNS12S10 BEL-YNS12S10 Datasheet
775Kb / 21P
   Extended input range 9.6 to 14 VDC
SRPE-02E1A0 BEL-SRPE-02E1A0 Datasheet
1Mb / 12P
   5.5 Vdc - 13.2 Vdc Input 0.6 Vdc - 5.5 Vdc / 1.5 A Output
SLIN-06E1AX BEL-SLIN-06E1AX Datasheet
481Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-03E1AX BEL-SLIN-03E1AX Datasheet
462Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
SLIN-03E2AX BEL-SLIN-03E2AX Datasheet
436Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com