数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

LT3500EDD-PBF 数据表 (PDF) - Linear Technology

LT3500EDD-PBF Datasheet PDF - Linear Technology
部件名 LT3500EDD-PBF
下载  LT3500EDD-PBF 下载

文件大小   286.47 Kbytes
  28 Pages
制造商  LINER [Linear Technology]
网页  http://www.linear.com
标志 LINER - Linear Technology
功能描述 Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller

LT3500EDD-PBF Datasheet (PDF)

Go To PDF Page 下载 数据表
LT3500EDD-PBF Datasheet PDF - Linear Technology

部件名 LT3500EDD-PBF
下载  LT3500EDD-PBF Click to download

文件大小   286.47 Kbytes
  28 Pages
制造商  LINER [Linear Technology]
网页  http://www.linear.com
标志 LINER - Linear Technology
功能描述 Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller

LT3500EDD-PBF 数据表 (HTML) - Linear Technology

Back Button LT3500EDD-PBF Datasheet HTML 1Page - Linear Technology LT3500EDD-PBF Datasheet HTML 2Page - Linear Technology LT3500EDD-PBF Datasheet HTML 3Page - Linear Technology LT3500EDD-PBF Datasheet HTML 4Page - Linear Technology LT3500EDD-PBF Datasheet HTML 5Page - Linear Technology LT3500EDD-PBF Datasheet HTML 6Page - Linear Technology LT3500EDD-PBF Datasheet HTML 7Page - Linear Technology LT3500EDD-PBF Datasheet HTML 8Page - Linear Technology LT3500EDD-PBF Datasheet HTML 9Page - Linear Technology LT3500EDD-PBF Datasheet HTML 10Page - Linear Technology Next Button 



类似零件编号 - LT3500EDD-PBF

制造商部件名数据表功能描述
logo
Linear Technology
LT3500 LINER-LT3500 Datasheet
2Mb / 28P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3500 LINER-LT3500 Datasheet
441Kb / 34P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT3500 LINER-LT3500 Datasheet
382Kb / 28P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
More results


类似说明 - LT3500EDD-PBF

制造商部件名数据表功能描述
logo
Linear Technology
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939 Datasheet
347Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Linear Technology
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
More results




关于 Linear Technology


Linear Technology是一家公开交易的公司,设计,制造和销售了各种模拟集成电路(ICS),用于工业,汽车,通信和计算行业的应用。
该公司成立于1981年,总部位于加利福尼亚州的米尔皮塔斯。
线性技术由Analog Devices,Inc。在2017年收购。
线性技术以其高性能类似IC而闻名,包括放大器,电压调节器,数据转换器,电源管理IC和接口产品。
该公司的产品旨在用于各种应用程序,包括汽车,工业和能源管理系统等。
侧重于创新和客户满意度,线性技术致力于为客户提供高质量,可靠的解决方案以满足他们的需求。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com