数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

2565 数据表 (PDF) - KR Electronics, Inc.

2565 Datasheet PDF - KR Electronics, Inc.
部件名 2565
下载  2565 下载

文件大小   23.96 Kbytes
  2 Pages
制造商  KR [KR Electronics, Inc.]
网页  http://www.krfilters.com
标志 KR - KR Electronics, Inc.
功能描述 Bandpass Filter

2565 Datasheet (PDF)

Go To PDF Page 下载 数据表
2565 Datasheet PDF - KR Electronics, Inc.

部件名 2565
下载  2565 Click to download

文件大小   23.96 Kbytes
  2 Pages
制造商  KR [KR Electronics, Inc.]
网页  http://www.krfilters.com
标志 KR - KR Electronics, Inc.
功能描述 Bandpass Filter

2565 数据表 (HTML) - KR Electronics, Inc.

2565 Datasheet HTML 1Page - KR Electronics, Inc. 2565 Datasheet HTML 2Page - KR Electronics, Inc.

2565 产品详情

General Description

KR 2565 is a 70 MHz bandpass filter. The filter has a minimum 1 dB bandwidth of 8 MHz and is designed for 50 Ω source and load impedance. Other center frequencies and band widths are available. Also available in a surface mount package. Please consult the factory.



Features

• 70 MHz Bandpass

• Elliptic type response

• 50 Ω

• SMA Connectors

• Also available in SMT package



 




类似零件编号 - 2565

制造商部件名数据表功能描述
logo
Schurter Inc.
2565 SCHURTER-2565 Datasheet
325Kb / 2P
   IEC Appliance Inlet C6, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
2565 SCHURTER-2565 Datasheet
216Kb / 3P
   IEC Appliance Inlet C6, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
2565 SCHURTER-2565 Datasheet
226Kb / 3P
   IEC Appliance Inlet C6, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
logo
B&K Precision Corporati...
2565 BK-2565 Datasheet
3Mb / 7P
   Digital Storage and Mixed Signal Oscilloscopes
logo
Schurter Inc.
2565 SCHURTER-2565 Datasheet
226Kb / 3P
   IEC Appliance Inlet C6, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
More results


类似说明 - 2565

制造商部件名数据表功能描述
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com