数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

TQ5131 数据表 (PDF) - TriQuint Semiconductor

TQ5131 Datasheet PDF - TriQuint Semiconductor
部件名 TQ5131
下载  TQ5131 下载

文件大小   111.12 Kbytes
  14 Pages
制造商  TRIQUINT [TriQuint Semiconductor]
网页  http://www.triquint.com
标志 TRIQUINT - TriQuint Semiconductor
功能描述 3V Cellular Band CDMA/AMPS RFA/Mixer IC

TQ5131 Datasheet (PDF)

Go To PDF Page 下载 数据表
TQ5131 Datasheet PDF - TriQuint Semiconductor

部件名 TQ5131
下载  TQ5131 Click to download

文件大小   111.12 Kbytes
  14 Pages
制造商  TRIQUINT [TriQuint Semiconductor]
网页  http://www.triquint.com
标志 TRIQUINT - TriQuint Semiconductor
功能描述 3V Cellular Band CDMA/AMPS RFA/Mixer IC

TQ5131 数据表 (HTML) - TriQuint Semiconductor

Back Button TQ5131 Datasheet HTML 1Page - TriQuint Semiconductor TQ5131 Datasheet HTML 2Page - TriQuint Semiconductor TQ5131 Datasheet HTML 3Page - TriQuint Semiconductor TQ5131 Datasheet HTML 4Page - TriQuint Semiconductor TQ5131 Datasheet HTML 5Page - TriQuint Semiconductor TQ5131 Datasheet HTML 6Page - TriQuint Semiconductor TQ5131 Datasheet HTML 7Page - TriQuint Semiconductor TQ5131 Datasheet HTML 8Page - TriQuint Semiconductor TQ5131 Datasheet HTML 9Page - TriQuint Semiconductor TQ5131 Datasheet HTML 10Page - TriQuint Semiconductor Next Button 

TQ5131 产品详情

Product Description
The TQ5131 is a 3V, RFA/Mixer IC designed specifically for Cellular band CDMA/AMPS applications. It’s RF performance meets the requirements of products designed to the IS-95 and AMPS standards. The TQ5131 is designed to be used with the TQ3131 (CDMA/AMPS LNA) which provides a complete CDMA receiver for 800MHz dual-mode phones.

Features
◾ Small size: SOT23-8
◾ Single 3V operation
◾ Low-current operation
◾ Gain Select
◾ Mode Select
◾ High IP3 performance
◾ Few external components

Applications
◾ IS-95 CDMA Mobile Phones
◾ AMPS Mobile Phones
◾ Dual Mode CDMA Cellular application




类似零件编号 - TQ5131

制造商部件名数据表功能描述
logo
TriQuint Semiconductor
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
TQ5139 TRIQUINT-TQ5139 Datasheet
263Kb / 16P
   2.8V SiGe Dual-Mode CDMA Rx Receiver
More results


类似说明 - TQ5131

制造商部件名数据表功能描述
logo
TriQuint Semiconductor
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
TQ5633 TRIQUINT-TQ5633 Datasheet
97Kb / 10P
   3V PCS Band CDMA RFA/Mixer IC(WIRELESS COMMUNICATIONS DIVISION)
TQ3132 TRIQUINT-TQ3132 Datasheet
88Kb / 10P
   Low Current, 3V Cellular Band CDMA/AMPS LNA IC
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com