数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

TR8-400-70 数据表 (PDF) - Transys Electronics

TR8-400-70 Datasheet PDF - Transys Electronics
部件名 TR8-400-70
下载  TR8-400-70 下载

文件大小   146.07 Kbytes
  5 Pages
制造商  TRSYS [Transys Electronics]
网页  http://www.transyselectronics.com
标志 TRSYS - Transys Electronics
功能描述 SILICON TRIACS

TR8-400-70 Datasheet (PDF)

Go To PDF Page 下载 数据表
TR8-400-70 Datasheet PDF - Transys Electronics

部件名 TR8-400-70
下载  TR8-400-70 Click to download

文件大小   146.07 Kbytes
  5 Pages
制造商  TRSYS [Transys Electronics]
网页  http://www.transyselectronics.com
标志 TRSYS - Transys Electronics
功能描述 SILICON TRIACS

TR8-400-70 数据表 (HTML) - Transys Electronics

TR8-400-70 Datasheet HTML 1Page - Transys Electronics TR8-400-70 Datasheet HTML 2Page - Transys Electronics TR8-400-70 Datasheet HTML 3Page - Transys Electronics TR8-400-70 Datasheet HTML 4Page - Transys Electronics TR8-400-70 Datasheet HTML 5Page - Transys Electronics

TR8-400-70 产品详情

SILICON TRIACS

● 8 A RMS, 70 A Peak
● Glass Passivated Wafer
● 400 V to 800 V Off-State Voltage
● Max IGT of 50 mA (Quadrants 1 - 3)




类似零件编号 - TR8-400-70

制造商部件名数据表功能描述
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
logo
Everlight Electronics C...
TR8 EVERLIGHT-TR8 Datasheet
221Kb / 10P
   High Performance SMD White LED with Reflector
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
logo
Murata Manufacturing Co...
TR8000 MURATA-TR8000 Datasheet
367Kb / 15P
   916.5 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TR8001 RFM-TR8001 Datasheet
148Kb / 14P
   868.35 MHz Hybrid Transceiver
More results


类似说明 - TR8-400-70

制造商部件名数据表功能描述
logo
Comset Semiconductor
TIC216A COMSET-TIC216A_12 Datasheet
163Kb / 3P
   SILICON TRIACS
logo
Power Innovations Ltd
TIC246 POINN-TIC246 Datasheet
105Kb / 5P
   SILICON TRIACS
TIC263 POINN-TIC263 Datasheet
103Kb / 5P
   SILICON TRIACS
logo
Bourns Electronic Solut...
TIC246 BOURNS-TIC246 Datasheet
141Kb / 3P
   SILICON TRIACS
logo
Power Innovations Ltd
TIC201 POINN-TIC201 Datasheet
67Kb / 4P
   SILICON TRIACS
TIC225 POINN-TIC225 Datasheet
150Kb / 6P
   SILICON TRIACS
TICP206 POINN-TICP206 Datasheet
127Kb / 7P
   SILICON TRIACS
logo
Texas Instruments
TIC216 TI-TIC216 Datasheet
104Kb / 3P
[Old version datasheet]   SILICON TRIACS
logo
New Jersey Semi-Conduct...
TIC206 NJSEMI-TIC206 Datasheet
112Kb / 2P
   SILICON TRIACS
logo
Bourns Electronic Solut...
TIC236D BOURNS-TIC236D Datasheet
141Kb / 3P
   SILICON TRIACS
logo
Transys Electronics
TR25 TRSYS-TR25 Datasheet
333Kb / 3P
   SILICON TRIACS
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com