数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

TA881GG 数据表 (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA881GG Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
部件名 TA881GG
下载  TA881GG 下载

文件大小   340.93 Kbytes
  6 Pages
制造商  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
网页  http://www.taisaw.com
标志 TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
功能描述 SAW Filter 881.5MHz SMD3.0x3.0 for CDMA

TA881GG Datasheet (PDF)

Go To PDF Page 下载 数据表
TA881GG Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

部件名 TA881GG
下载  TA881GG Click to download

文件大小   340.93 Kbytes
  6 Pages
制造商  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
网页  http://www.taisaw.com
标志 TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
功能描述 SAW Filter 881.5MHz SMD3.0x3.0 for CDMA

TA881GG 数据表 (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA881GG Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA881GG Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA881GG Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA881GG Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA881GG Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA881GG Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.



类似零件编号 - TA881GG

制造商部件名数据表功能描述
logo
Golledge Electronics Lt...
TA881GG GOLLEDGE-TA881GG Datasheet
160Kb / 5P
   SAW Filter 881.50MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA881GGB TAI-SAW-TA881GGB Datasheet
366Kb / 7P
   RF SAW Filter 881.5 MHz for CDMA
More results


类似说明 - TA881GG

制造商部件名数据表功能描述
logo
TAI-SAW TECHNOLOGY CO.,...
TA1132A TAI-SAW-TA1132A Datasheet
415Kb / 7P
   SAW Filter 881.5MHz
TA0233A TAI-SAW-TA0233A Datasheet
749Kb / 6P
   SAW Filter 881.5MHz
logo
Golledge Electronics Lt...
MP03083 GOLLEDGE-MP03083 Datasheet
76Kb / 6P
   SAW Filter 881.5MHz
MA05677 GOLLEDGE-MA05677 Datasheet
201Kb / 5P
   SAW Filter 881.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0571A TAI-SAW-TA0571A Datasheet
423Kb / 7P
   SAW Filter 881.5MHz
TA0166A TAI-SAW-TA0166A Datasheet
194Kb / 7P
   SAW Filter 881.5MHz For Mobile Communication
logo
Abracon Corporation
AFS881.5W01-TS4 ABRACON-AFS881.5W01-TS4 Datasheet
181Kb / 1P
   SMD 881.5MHz SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0404A TAI-SAW-TA0404A Datasheet
228Kb / 6P
   SAW Filter 1086 MHz SMD3.0X3.0 mm
TA0227A TAI-SAW-TA0227A Datasheet
290Kb / 5P
   SAW Filter 1086 MHz SMD3.0X3.0 mm
logo
SIPAT Co,Ltd
LBT88203 SIPAT-LBT88203 Datasheet
195Kb / 3P
   881.5MHz SAW Filter 25MHz Bandwidth
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com