制造商 | 部件名 | 数据表 | 功能描述 |
Molex Electronics Ltd. |
0536270274
|
455Kb / 6P |
0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 10.00 and 16.00mm (.394 and .630") Stacking Heights, Lead-free, 20
|
0536270374
|
455Kb / 6P |
0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 10.00 and 16.00mm (.394 and .630") Stacking Heights, Lead-free, 30Circuits, with Embossed Tape with Cover Packaging
|
0536270474
|
455Kb / 6P |
0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticaStacking, 10.00 and 16.00mm (.394 and .630") Stacking Heights, Lead-free, 40Circuits, with Embossed Tape with Cover Packaging
|
0536270574
|
455Kb / 3P |
3.30mm (.130") Pitch Wire-to-Wire Plug Housing, Positive Lock, Single Row, 4 Circuits, White
|
0536270674
|
455Kb / 6P |
0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 10.00 and 16.00mm (.394 and .630") Stacking Heights, Lead-free, 60Circuits, with Embossed Tape with Cover Packaging
|