制造商 | 部件名 | 数据表 | 功能描述 |
Molex Electronics Ltd. |
0528850274
|
506Kb / 6P |
0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical Stacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 20 Circuits, Lead-free
|
0528850374
|
505Kb / 6P |
0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical Stacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 30 Circuits, Lead-free
|
0528850474
|
506Kb / 6P |
0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 40 Circuits, Lead-free
|
0528850674
|
505Kb / 6P |
0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 60 Circuits, Lead-free
|
0528850774
|
505Kb / 6P |
0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticaStacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 70 Circuits, Lead-free
|