数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

STK301-090 数据表 (PDF) - Sanyo Semicon Device

STK301-090 Datasheet PDF - Sanyo Semicon Device
部件名 STK301-090
下载  STK301-090 下载

文件大小   206.21 Kbytes
  9 Pages
制造商  SANYO [Sanyo Semicon Device]
网页  https://www.sanyo-av.com/us/
标志 SANYO - Sanyo Semicon Device
功能描述 7-Band,2-Channel Electronic Graphic Equalizer

STK301-090 Datasheet (PDF)

Go To PDF Page 下载 数据表
STK301-090 Datasheet PDF - Sanyo Semicon Device

部件名 STK301-090
下载  STK301-090 Click to download

文件大小   206.21 Kbytes
  9 Pages
制造商  SANYO [Sanyo Semicon Device]
网页  https://www.sanyo-av.com/us/
标志 SANYO - Sanyo Semicon Device
功能描述 7-Band,2-Channel Electronic Graphic Equalizer

STK301-090 数据表 (HTML) - Sanyo Semicon Device

STK301-090 Datasheet HTML 1Page - Sanyo Semicon Device STK301-090 Datasheet HTML 2Page - Sanyo Semicon Device STK301-090 Datasheet HTML 3Page - Sanyo Semicon Device STK301-090 Datasheet HTML 4Page - Sanyo Semicon Device STK301-090 Datasheet HTML 5Page - Sanyo Semicon Device STK301-090 Datasheet HTML 6Page - Sanyo Semicon Device STK301-090 Datasheet HTML 7Page - Sanyo Semicon Device STK301-090 Datasheet HTML 8Page - Sanyo Semicon Device STK301-090 Datasheet HTML 9Page - Sanyo Semicon Device

STK301-090 产品详情

Overview
The STK301-090 is an electronic graphic equalizer hybrid IC that incorporates electronic volume control for 7-band, 2-channel equalization for one-touch up/down control of all band gains. Further, low-profile packaging is realized using Sanyo’s insulated metal substrate technology (IMST) for the base, SC system and photoresist technologies and folded board construction.

Features
• Gain adjustable in ±2dB steps in all bands
• 13-position control with +12dB maximum boost and −12dB maximum cut in all bands
• Band center frequencies (fO): 60Hz, 150Hz, 400Hz, 1kHz, 2.5kHz, 6kHz, 15kHz
• A graphic equalization system can be constructed using 3 ICs—the STK301-090, a controller (general-purpose microcontroller) and a display LSI (LC75821 for LCDs; LC7565 for FLT/LEDs)—with the following features.
   - One-touch up/down gain control in all bands
   - One-touch memory recall of preset band settings for tailored frequency response for individual musical tastes.
   - One-touch gain reset to 0dB (flat response function) and gain boost/cut reverse around 0dB center (reverse response function) under supported software control
   - 2 control lines which can also be used to interface with the display LSI for easy connection between the display LSI and the microcontroller
• Low boost and cut operating shock noise

Applications
• Car stereos
• Radio cassette recorders
• Home stereos




类似零件编号 - STK301-090

制造商部件名数据表功能描述
logo
Sanyo Semicon Device
STK301-220 SANYO-STK301-220 Datasheet
167Kb / 8P
   7-band, 2-channel Electronic Graphic Equalizer
More results


类似说明 - STK301-090

制造商部件名数据表功能描述
logo
Sanyo Semicon Device
STK301-220 SANYO-STK301-220 Datasheet
167Kb / 8P
   7-band, 2-channel Electronic Graphic Equalizer
LA3607 SANYO-LA3607 Datasheet
194Kb / 6P
   7-Band Graphic Equalizer?
LA3605 SANYO-LA3605 Datasheet
272Kb / 6P
   7 BAND GRAPHIC EQUALIZER
logo
rfsolutions.ltd
SG3 RFSOLUTIONS-SG3 Datasheet
716Kb / 2P
   77 Band Graphic Equalizer (Stereo)
SG6 RFSOLUTIONS-SG6 Datasheet
720Kb / 2P
   77 Band Graphic Equalizer (Stereo)
logo
New Japan Radio
NJU7305 NJRC-NJU7305 Datasheet
251Kb / 8P
   7-BAND EVR FOR GRAPHIC EQUALIZER
logo
Sanken electric
STK6328A SANKEN-STK6328A Datasheet
135Kb / 1P
   2-CHANNEL GRAPHIC EQUALIZER
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
   5 BAND GRAPHIC EQUALIZER
logo
rfsolutions.ltd
SG4 RFSOLUTIONS-SG4 Datasheet
694Kb / 2P
   10 Band Graphic Equalizer
logo
Mixed Signal Integratio...
MSGEQ7 MSI-MSGEQ7 Datasheet
187Kb / 4P
   Seven Band Graphic Equalizer
More results




关于 Sanyo Semicon Device


Sanyo Samiconductor Device Corporation或Sanyo Semicon Device是日本电子公司Sanyo Electric Co.,Ltd。的子公司。 Sanyo Semicon设备是半导体设备的制造商,包括用于消费电子,汽车和工业应用的二极管,晶体管和其他组件。该公司成立于1970年,总部位于日本大阪。

Sanyo Semicon设备以其高质量的产品及其对满足客户需求的承诺而闻名。该公司非常专注于研发,并参与了半导体行业的新技术和产品的开发。 Sanyo Samicon设备的产品被广泛用于各种应用中,并帮助支持电子行业的增长。

2010年,Sanyo Electric被Panasonic Corporation(领先的全球电子公司)收购。结果,Sanyo Semicon设备成为松下的子公司,并被纳入其半导体业务。此次收购使松下可以扩大其产品组合和在半导体市场的产品组合,并进一步增强其在电子行业中的地位。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com