数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

MC74LCX373M 数据表 (PDF) - Motorola, Inc

MC74LCX373M Datasheet PDF - Motorola, Inc
部件名 MC74LCX373M
下载  MC74LCX373M 下载

文件大小   158.26 Kbytes
  8 Pages
制造商  MOTOROLA [Motorola, Inc]
网页  http://www.freescale.com
标志 MOTOROLA - Motorola, Inc
功能描述 LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH

MC74LCX373M Datasheet (PDF)

Go To PDF Page 下载 数据表
MC74LCX373M Datasheet PDF - Motorola, Inc

部件名 MC74LCX373M
下载  MC74LCX373M Click to download

文件大小   158.26 Kbytes
  8 Pages
制造商  MOTOROLA [Motorola, Inc]
网页  http://www.freescale.com
标志 MOTOROLA - Motorola, Inc
功能描述 LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH

MC74LCX373M 数据表 (HTML) - Motorola, Inc

MC74LCX373M Datasheet HTML 1Page - Motorola, Inc MC74LCX373M Datasheet HTML 2Page - Motorola, Inc MC74LCX373M Datasheet HTML 3Page - Motorola, Inc MC74LCX373M Datasheet HTML 4Page - Motorola, Inc MC74LCX373M Datasheet HTML 5Page - Motorola, Inc MC74LCX373M Datasheet HTML 6Page - Motorola, Inc MC74LCX373M Datasheet HTML 7Page - Motorola, Inc MC74LCX373M Datasheet HTML 8Page - Motorola, Inc

MC74LCX373M 产品详情

Low-Voltage CMOS Octal Transparent Latch
With 5 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
   
The MC74LCX373 is a high performance, non–inverting octal transparent latch operating from a 2.7 to 3.6V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5V allows MC74LCX373 inputs to be safely driven from 5V devices.
   
• Designed for 2.7 to 3.6V VCC Operation
• 5V Tolerant — Interface Capability With 5V TTL Logic
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0V
• LVTTL Compatible
• LVCMOS Compatible
• 24mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current in All Three Logic States (10µA)
    Substantially Reduces System Power Requirements
• Latchup Performance Exceeds 500mA
• ESD Performance: Human Body Model >2000V; Machine Model >200V
   




类似零件编号 - MC74LCX373M

制造商部件名数据表功能描述
logo
ON Semiconductor
MC74LCX373M ONSEMI-MC74LCX373M Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 4
MC74LCX373MEL ONSEMI-MC74LCX373MEL Datasheet
120Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
November, 2007 - Rev. 8
MC74LCX373MELG ONSEMI-MC74LCX373MELG Datasheet
120Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
November, 2007 - Rev. 8
More results


类似说明 - MC74LCX373M

制造商部件名数据表功能描述
logo
Motorola, Inc
MC74LVQ373 MOTOROLA-MC74LVQ373 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 4
MC74LCX573 ONSEMI-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 3
logo
Motorola, Inc
MC74LVQ573 MOTOROLA-MC74LVQ573 Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX573 MOTOROLA-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373_07 Datasheet
120Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
November, 2007 - Rev. 8
MC74LCX373 ONSEMI-MC74LCX373_13 Datasheet
137Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
January, 2013 ??Rev. 12
74LVT573 ONSEMI-74LVT573 Datasheet
342Kb / 13P
   Low Voltage Octal Transparent Latch
January 2008 Rev. 1.7.0
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
logo
Renesas Technology Corp
IDT74FCT3573 RENESAS-IDT74FCT3573 Datasheet
240Kb / 8P
   3.3V CMOS OCTAL TRANSPARENT LATCH
OCTOBER 2009
More results




关于 Motorola, Inc


摩托罗拉公司(Motorola,Inc。)是一家美国跨国电信公司,成立于1928年。它的总部位于伊利诺伊州的Schaumburg,是手机,电信设备和半导体的最大的提供商之一。在整个历史上,摩托罗拉以其在电信领域的创新而闻名,包括开发世界上第一个商业上可用的蜂窝电话,Dynatac,以及世界上第一个双向Pager PageBoy。

2011年,摩托罗拉分为两家单独的公司:摩托罗拉移动性和摩托罗拉解决方案。摩托罗拉的移动性后来被Google于2012年收购,现在是联想的子公司。摩托罗拉解决方案侧重于公共安全,商业和工业通信解决方案。该公司提供广泛的产品,包括双向收音机,移动计算设备和网络基础架构设备。

摩托罗拉是手机行业的先驱之一,拥有创新和技术进步的悠久历史。该公司的遗产继续通过其子公司,其技术和产品继续在世界范围内使用。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com